Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD25163HBH-LS Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD25163HBH-LS
Description  256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD25163HBH-LS Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD25163HBH-LS Datasheet HTML 2Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 3Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 4Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 5Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 6Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 7Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 8Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 9Page - Elpida Memory EDD25163HBH-LS Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
EDD25163HBH-LS
Preliminary Data Sheet E1434E30 (Ver. 3.0)
6
DC Characteristics 1 (TA =
−25°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
-6ELS
-7FLS
60
50
mA
Burst length = 2
tRC
≥ tRC (min.), IO = 0mA,
One bank active
1
Standby current in power-down
IDD2P
0.8
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Standby current in power-down
(input signal stable)
IDD2PS
0.6
mA
CKE
≤ VIL (max.), tCK = ∞
Standby current in non power-down
IDD2N
-6ELS
-7FLS
5.0
4.0
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2tCK.
Standby current in non power-down
(input signal stable)
IDD2NS
2.0
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Active standby current in power-down IDD3P
3.0
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Active standby current in power-down
(input signal stable)
IDD3PS
2.0
mA
CKE
≤ VIL (max.), tCK = ∞
Active standby current in non power-
down
IDD3N
10
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2tCK.
Active standby current in non power-
down
(input signal stable)
IDD3NS
7.0
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Burst operating current
IDD4
-6ELS
-7FLS
120
90
mA
Burst length = 4
tCK
≥ tCK (min.),
IOUT = 0mA, All banks active
2
Refresh current
IDD5
-6ELS
-7FLS
90
75
mA
tRFC
≥ tRFC (min.)
3
Standby current in deep power-down
mode
IDD7
10
µA
CKE
≤ 0.2V
Advanced Data Retention Current
(TA =
−25°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
Grade
typ.
max.
Unit
Condition
Notes
Advanced data retention current
(Self-refresh current)
PASR="000" (Full)
IDD6
200
µA
−25°C ≤ TA ≤ +40°C
CKE
≤ 0.2V
PASR="001" (2BK)
180
µA
PASR="010" (1BK)
160
µA
PASR="000" (Full)
IDD6
330
µA
+40
°C < TA ≤ +70°C
PASR="001" (2BK)
260
µA
CKE
≤ 0.2V
PASR="010" (1BK)
220
µA
PASR="000" (Full)
IDD6
400
µA
+70
°C < TA ≤ +85°C
PASR="001" (2BK)
300
µA
CKE
≤ 0.2V
PASR="010" (1BK)
250
µA


Similar Part No. - EDD25163HBH-LS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AETA ELPIDA-EDD2516AETA Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-5B-E ELPIDA-EDD2516AETA-5B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-5C-E ELPIDA-EDD2516AETA-5C-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-6B-E ELPIDA-EDD2516AETA-6B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-7A-E ELPIDA-EDD2516AETA-7A-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
More results

Similar Description - EDD25163HBH-LS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51323DBH-LS ELPIDA-EDD51323DBH-LS Datasheet
790Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com