Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD10323BBH-6ELS-F Datasheet(PDF) 3 Page - Elpida Memory

Part # EDD10323BBH-6ELS-F
Description  1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD10323BBH-6ELS-F Datasheet(HTML) 3 Page - Elpida Memory

  EDD10323BBH-6ELS-F Datasheet HTML 1Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 2Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 3Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 4Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 5Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 6Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 7Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 8Page - Elpida Memory EDD10323BBH-6ELS-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
EDD10323BBH-LS
Preliminary Data Sheet E1435E20 (Ver. 2.0)
3
Pin Configurations
/xxx indicate active low signal.
VSS
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
23456789
VDDQ
VSSQ
VDDQ
VSSQ
VDD
CKE
A9
A6
DQ31
DQ29
DQ27
DQ25
DQS3
DM3
CK
A11
A7
VSSQ
DQ30
DQ28
DQ26
DQ24
NC
/CK
A12
A8
VDDQ
DQ17
DQ19
DQ21
DQ23
NC
/WE
/CS
A10 (AP)
DQ16
DQ18
DQ20
DQ22
DQS2
DM2
/CAS
BA0
A0
VDD
VSSQ
VDDQ
VSSQ
VDDQ
VSS
/RAS
BA1
A1
(Top view)
A4
DM1
A5
A2
DM0
A3
VSSQ DQS1 DQ8
DQ7 DQS0 VDDQ
VDDQ DQ9 DQ10
DQ5
DQ6 VSSQ
VSSQ DQ11 DQ12
DQ3
DQ4 VDDQ
VDDQ DQ13 DQ14
DQ1
DQ2 VSSQ
VSS
DQ15 VSSQ
VDDQ DQ0
VDD
90-ball FBGA
Pin name
Function
Pin name
Function
A0 to A12
Address inputs
CK
Clock input
BA0, BA1
Bank select address
/CK
Differential clock input
DQ0 to DQ31
Data-input/output
CKE
Clock enable
DQS0 to DQS3
Input and output data strobe
VDD
Power for internal circuit
/CS
Chip select
VSS
Ground for internal circuit
/RAS
Row address strobe
VDDQ
Power for DQ circuit
/CAS
Column address strobe
VSSQ
Ground for DQ circuit
/WE
Write enable
NC
No connection
DM0 to DM3
Input mask


Similar Part No. - EDD10323BBH-6ELS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10321BBH-5BTS-F ELPIDA-EDD10321BBH-5BTS-F Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10321BBH-6ETS-F ELPIDA-EDD10321BBH-6ETS-F Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDD10323BBH-6ELS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51323DBH-LS ELPIDA-EDD51323DBH-LS Datasheet
790Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com