Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE10UE8AFSA Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE10UE8AFSA
Description  1GB DDR2 SDRAM SO-DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10UE8AFSA Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE10UE8AFSA Datasheet HTML 2Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 3Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 4Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 5Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 6Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 7Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 8Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 9Page - Elpida Memory EBE10UE8AFSA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
EBE10UE8AFSA
Data Sheet E1450E20 (Ver. 2.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
26
Maximum data access time (tAC)
from clock at CL = X
− 2
-8G (CL = 4)
0
1
0
1
0
0
0
0
50H
0.5ns*
1
-6E (CL = 3)
0
1
1
0
0
0
0
0
60H
0.6ns*
1
27
Minimum row precharge time (tRP)
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD) 0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
0
0
0
0
0
0
0
1
01H
1G bytes
32
Address and command setup time
before clock (tIS)
-8G
0
0
0
1
0
1
1
1
17H
0.17ns*
1
-6E
0
0
1
0
0
0
0
0
20H
0.20ns*
1
33
Address and command hold time
after clock (tIH)
-8G
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-6E
0
0
1
0
0
1
1
1
27H
0.27ns*
1
34
Data input setup time before clock
(tDS)
-8G
0
0
0
0
0
1
0
1
05H
0.05ns*
1
-6E
0
0
0
1
0
0
0
0
10H
0.10ns*
1
35
Data input hold time after clock (tDH)
-8G
0
0
0
1
0
0
1
0
12H
0.12ns*
1
-6E
0
0
0
1
0
1
1
1
17H
0.17ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe
characteristics
0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
0
0
0
0
0
1
1
0
06H
41
Active command period (tRC)
0
0
1
1
1
1
0
0
3CH
60ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
1
1
1
1
1
7FH
127.5ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-8G
0
0
0
1
0
1
0
0
14H
0.20ns*
1
-6E
0
0
0
1
1
0
0
0
18H
0.24ns*
1
45
Data hold skew (tQHS)
-8G
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-6E
0
0
1
0
0
0
1
0
22H
0.34ns*
1
46
PLL relock time
0
0
0
0
0
0
0
0
00H
Undefined


Similar Part No. - EBE10UE8AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AFFA ELPIDA-EBE10UE8AFFA Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA-6E-F ELPIDA-EBE10UE8AFFA-6E-F Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA-8G-F ELPIDA-EBE10UE8AFFA-8G-F Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE10UE8AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
EBE11UE6ACUA ELPIDA-EBE11UE6ACUA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BF1SA-25R ETC2-SEN01G64D1BF1SA-25R Datasheet
390Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64D1BH1MT-25[EW]R ETC2-SEN01G64D1BH1MT-25[EW]R Datasheet
431Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64E1CH2MT-30R ETC2-SEN01G64E1CH2MT-30R Datasheet
635Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
logo
White Electronic Design...
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com