Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE10UE8AFSA-6E-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EBE10UE8AFSA-6E-F
Description  1GB DDR2 SDRAM SO-DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10UE8AFSA-6E-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBE10UE8AFSA-6E-F Datasheet HTML 6Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 7Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 8Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 9Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 10Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 11Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 12Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 13Page - Elpida Memory EBE10UE8AFSA-6E-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
EBE10UE8AFSA
Data Sheet E1450E20 (Ver. 2.0)
10
AC Overshoot/Undershoot Specification (DDR2 SDRAM Component Specification)
Parameter
Pins
Specification
Unit
Maximum peak amplitude allowed for overshoot
Command, Address,
CKE, ODT
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum undershoot area below VSS
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum peak amplitude allowed for overshoot
CK, /CK
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
0.23
V-ns
Maximum undershoot area below VSS
0.23
V-ns
Maximum peak amplitude allowed for overshoot
DQ, DQS, /DQS,
0.5
V
Maximum peak amplitude allowed for undershoot
RDQS, /RDQS, DM
0.5
V
Maximum overshoot area above VDDQ
0.23
V-ns
Maximum undershoot area below VSSQ
0.23
V-ns
Maximum amplitude
Overshoot area
Undershoot area
Volts (V)
Time (ns)
VDD, VDDQ
VSS, VSSQ
Overshoot/Undershoot Definition


Similar Part No. - EBE10UE8AFSA-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AFFA ELPIDA-EBE10UE8AFFA Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA-6E-F ELPIDA-EBE10UE8AFFA-6E-F Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA-8G-F ELPIDA-EBE10UE8AFFA-8G-F Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE10UE8AFSA-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
EBE11UE6ACUA ELPIDA-EBE11UE6ACUA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BF1SA-25R ETC2-SEN01G64D1BF1SA-25R Datasheet
390Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64D1BH1MT-25[EW]R ETC2-SEN01G64D1BH1MT-25[EW]R Datasheet
431Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64E1CH2MT-30R ETC2-SEN01G64E1CH2MT-30R Datasheet
635Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
logo
White Electronic Design...
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com