Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD51161DBH-6ETS-F Datasheet(PDF) 8 Page - Elpida Memory

Part # EDD51161DBH-6ETS-F
Description  512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD51161DBH-6ETS-F Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDD51161DBH-6ETS-F Datasheet HTML 4Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 5Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 6Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 7Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 8Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 9Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 10Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 11Page - Elpida Memory EDD51161DBH-6ETS-F Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
EDD51161DBH-TS
Preliminary Data Sheet E1453E20 (Ver. 2.0)
8
AC Characteristics (TA =
−25°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
-5B
-6E
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Clock cycle time
tCK
5.0
6.0
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min.
( tCH, tCL)
min.
( tCH, tCL)
tCK
DQ output access time from CK, /CK
tAC
2.0
5.0
2.0
5.0
ns
2, 8
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
tCK
DQS output access time from CK, /CK
tDQSCK
2.0
5.0
2.0
5.0
ns
2, 8
DQ-out high-impedance time from CK,
/CK
tHZ
5.0
5.0
ns
5, 8
DQ-out low-impedance time from CK,
/CK
tLZ
1.0
1.0
ns
6, 8
DQS to DQ skew
tDQSQ
0.4
0.5
ns
3
DQ/DQS output hold time from DQS
tQH
tHP
− tQHS
tHP
− tQHS
ns
4
Data hold skew factor
tQHS
0.5
0.65
ns
DQ and DM input setup time
tDS
0.48
0.6
ns
3
DQ and DM input hold time
tDH
0.48
0.6
ns
3
DQ and DM input pulse width
tDIPW
1.6
1.6
ns
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
Write preamble setup time
tWPRES
0
0
ns
Write preamble
tWPRE
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
7
Write command to first DQS latching
transition
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
DQS input high pulse width
tDQSH
0.40
0.40
tCK
DQS input low pulse width
tDQSL
0.40
0.40
tCK
Address and control input setup time
tIS
0.9
1.1
ns
3
Address and control input hold time
tIH
0.9
1.1
ns
3
Address and control input pulse width
tIPW
2.3
2.7
ns
3
Mode register set command cycle time
tMRD
2
2
tCK
Active to Precharge command period
tRAS
40
120000
42
120000
ns
Active to Active/Auto-refresh command
period
tRC
55
60
ns
Auto-refresh to Active/Auto-refresh
command period
tRFC
72
72
ns
Active to Read/Write delay
tRCD
15
18
ns
Precharge to active command period
tRP
15
18
ns
Column address to column address
delay
tCCD
1
1
tCK
Active to active command period
tRRD
10
12
ns
Write recovery time
tWR
15
15
ns


Similar Part No. - EDD51161DBH-6ETS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD51163DBH-5BLS-F ELPIDA-EDD51163DBH-5BLS-F Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-6ELS-F ELPIDA-EDD51163DBH-6ELS-F Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD5116ADTA ELPIDA-EDD5116ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5116ADTA-5C ELPIDA-EDD5116ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
More results

Similar Description - EDD51161DBH-6ETS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51323DBH-LS ELPIDA-EDD51323DBH-LS Datasheet
790Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116ADTA-5CLI-E ELPIDA-EDD5116ADTA-5CLI-E Datasheet
571Kb / 48P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com