Electronic Components Datasheet Search |
|
EBE21UE8AFFA-8G-F Datasheet(PDF) 5 Page - Elpida Memory |
|
EBE21UE8AFFA-8G-F Datasheet(HTML) 5 Page - Elpida Memory |
5 / 30 page EBE21UE8AFFA Data Sheet E1458E20 (Ver. 2.0) 5 Serial PD Matrix Byte No. Function described Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments 0 Number of bytes utilized by module manufacturer 1 0 0 0 0 0 0 0 80H 128 bytes 1 Total number of bytes in serial PD device 0 0 0 0 1 0 0 0 08H 256 bytes 2 Memory type 0 0 0 0 1 0 0 0 08H DDR2 SDRAM 3 Number of row address 0 0 0 0 1 1 1 0 0EH 14 4 Number of column address 0 0 0 0 1 0 1 0 0AH 10 5 Number of DIMM ranks 0 1 1 0 0 0 0 1 61H 2 6 Module data width 0 1 0 0 0 0 0 0 40H 64 7 Module data width continuation 0 0 0 0 0 0 0 0 00H 0 8 Voltage interface level of this assembly 0 0 0 0 0 1 0 1 05H SSTL 1.8V 9 DDR SDRAM cycle time, CL = X -8G (CL = 6) 0 0 1 0 0 1 0 1 25H 2.5ns* 1 -6E (CL = 5) 0 0 1 1 0 0 0 0 30H 3.0ns* 1 10 SDRAM access from clock (tAC) -8G 0 1 0 0 0 0 0 0 40H 0.4ns* 1 -6E 0 1 0 0 0 1 0 1 45H 0.45ns* 1 11 DIMM configuration type 0 0 0 0 0 0 0 0 00H None 12 Refresh rate/type 1 0 0 0 0 0 1 0 82H 7.8 µs 13 Primary SDRAM width 0 0 0 0 1 0 0 0 08H × 8 14 Error checking SDRAM width 0 0 0 0 0 0 0 0 00H None 15 Reserved 0 0 0 0 0 0 0 0 00H 0 16 SDRAM device attributes: Burst length supported 0 0 0 0 1 1 0 0 0CH 4,8 17 SDRAM device attributes: Number of banks on SDRAM device 0 0 0 0 1 0 0 0 08H 8 18 SDRAM device attributes: /CAS latency -8G 0 1 1 1 0 0 0 0 70H 4, 5, 6 -6E 0 0 1 1 1 0 0 0 38H 3, 4, 5 19 DIMM Mechanical Characteristics 0 0 0 0 0 0 0 1 01H 4.00mm max. 20 DIMM type information 0 0 0 0 0 0 1 0 02H Unbuffered 21 SDRAM module attributes 0 0 0 0 0 0 0 0 00H Normal 22 SDRAM device attributes: General 0 0 0 0 0 0 1 1 03H Weak Driver 50 Ω ODT Support 23 Minimum clock cycle time at CL = X − 1 -8G (CL = 5) 0 0 1 1 0 0 0 0 30H 3.0ns* 1 -6E (CL = 4) 0 0 1 1 1 1 0 1 3DH 3.75ns* 1 24 Maximum data access time (tAC) from clock at CL = X − 1 -8G (CL = 5) 0 1 0 0 0 1 0 1 45H 0.45ns* 1 -6E (CL = 4) 0 1 0 1 0 0 0 0 50H 0.5ns* 1 25 Minimum clock cycle time at CL = X − 2 -8G (CL = 4) 0 0 1 1 1 1 0 1 3DH 3.75ns* 1 -6E (CL = 3) 0 1 0 1 0 0 0 0 50H 5.0ns* 1 |
Similar Part No. - EBE21UE8AFFA-8G-F |
|
Similar Description - EBE21UE8AFFA-8G-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |