Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ10UE8BDS0-DJ-F Datasheet(PDF) 11 Page - Elpida Memory

Part # EBJ10UE8BDS0-DJ-F
Description  1GB DDR3 SDRAM SO-DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ10UE8BDS0-DJ-F Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBJ10UE8BDS0-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 11Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 12Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 13Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 14Page - Elpida Memory EBJ10UE8BDS0-DJ-F Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
EBJ10UE8BDS0
Preliminary Data Sheet E1512E10 (Ver. 1.0)
11
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
238
Upper nibble for tFAW
0
0
0
0
0
0
0
0
00H
30.0ns
239
Minimum four activate window delay time
(tFAW)
1
1
1
1
0
0
0
0
F0H
30.0ns
240
SDRAM minimum internal write to read
command delay (tWTR)
0
0
1
1
1
1
0
0
3CH
7.5ns
241
Write to read & read to write command
turn-around time pull-in
0
0
0
0
0
0
0
0
00H
Default - No
adjustment
242
Back to back command turn-around time
pull-in
0
0
0
0
0
0
0
0
00H
Default - No
adjustment
243
System address/ command rate (1N or 2N
mode)
0
0
0
0
0
0
0
0
00H
System operates in
default mode
244
Auto self-refresh performance (sub 1x
refresh and IDD6 impacts)
0
0
0
0
0
0
0
0
00H
TBD
245 to
253
Reserved
0
0
0
0
0
0
0
0
00H
254
Vendor personality byte
0
0
0
0
0
0
0
0
00H


Similar Part No. - EBJ10UE8BDS0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0-AE-F ELPIDA-EBJ10UE8BDF0-AE-F Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0-DJ-F ELPIDA-EBJ10UE8BDF0-DJ-F Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0-GN-F ELPIDA-EBJ10UE8BDF0-GN-F Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ10UE8BDS0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBD11UD8ABDA ELPIDA-EBD11UD8ABDA Datasheet
197Kb / 19P
   1GB DDR SDRAM SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com