Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21UE8BDS0-AE-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EBJ21UE8BDS0-AE-F
Description  2GB DDR3 SDRAM SO-DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BDS0-AE-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBJ21UE8BDS0-AE-F Datasheet HTML 6Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 7Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 8Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 9Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 10Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 11Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 12Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 13Page - Elpida Memory EBJ21UE8BDS0-AE-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
EBJ21UE8BDS0
Preliminary Data Sheet E1513E10 (Ver. 1.0)
10
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
202
SDRAM minimum row active to row active
delay (tRRD)
0
0
1
1
0
0
0
0
30H
6ns
203
Upper nibble for tFAW
0
0
0
0
0
0
0
0
00H
30.0ns
204
Minimum four activate window delay time
(tFAW)
1
1
1
1
0
0
0
0
F0H
30.0ns
205
SDRAM minimum internal write to read
command delay (tWTR)
0
0
1
1
1
1
0
0
3CH
7.5ns
206
Write to read & read to write command
turn-around time pull-in
0
0
0
0
0
0
0
0
00H
Default - No
adjustment
207
Back to back command turn-around time
pull-in
0
0
0
0
0
0
0
0
00H
Default - No
adjustment
208
System address/ command rate (1N or 2N
mode)
0
0
0
0
0
0
0
0
00H
System operates in
default mode
209
Auto self-refresh performance (sub 1x
refresh and IDD6 impacts)
0
0
0
0
0
0
0
0
00H
TBD
210 to
218
Reserved
0
0
0
0
0
0
0
0
00H
219
Vendor personality byte
0
0
0
0
0
0
0
0
00H
[For Profile 2]
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
220
Module VDD voltage level (extreme
settings)
0
0
1
0
1
1
0
0
2CH
1.60V
221
SDRAM minimum cycle time (tCK (min))
0
0
0
0
1
0
1
0
0AH
DDR3-1600
222
Minimum CAS latency time (tAA (min))
0
1
1
0
1
0
0
1
69H
13.125ns
223
SDRAM /CAS latencies supported, LSB
(CL MASK)
1
0
1
1
1
1
0
0
BCH
6, 7, 8, 9, 11
224
SDRAM /CAS latencies supported, MSB
(CL MASK)
0
0
0
0
0
0
0
0
00H
225
Minimum CAS write latency time
(tCWL (min))
0
1
1
0
1
0
0
1
69H
13.125ns
226
SDRAM minimum row precharge time
(tRP)
0
1
1
0
1
0
0
1
69H
13.125ns
227
SDRAM minimum /RAS to /CAS delay
(tRCD)
0
1
1
0
1
0
0
1
69H
13.125ns
228
SDRAM write recovery time (tWR (min))
0
1
1
1
1
0
0
0
78H
15ns
229
SDRAM upper nibbles for tRAS and tRC
0
0
0
1
0
0
0
1
11H
230
SDRAM minimum active to precharge time
(tRAS), LSB
0
0
0
1
1
0
0
0
18H
35ns
231
SDRAM minimum active to active /auto-
refresh time (tRC), LSB
1
0
0
0
0
1
1
0
86H
48.75ns
232
Maximum average periodic refresh interval
(tREFI), LSB
0
0
1
1
1
1
1
1
3FH
7.8us
233
Maximum average periodic refresh interval
(tREFI), MSB
0
0
0
0
0
0
0
0
00H
7.8us
234
SDRAM minimum refresh recovery time
delay (tRFC), LSB
0
1
1
1
0
0
0
0
70H
110ns
235
SDRAM minimum refresh recovery time
delay (tRFC), MSB
0
0
0
0
0
0
1
1
03H
110ns
236
SDRAM minimum internal read to
precharge command delay (tRTP)
0
0
1
1
1
1
0
0
3CH
7.5ns
237
SDRAM minimum row active to row active
delay (tRRD)
0
0
1
1
0
0
0
0
30H
6ns


Similar Part No. - EBJ21UE8BDS0-AE-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1-AE-F ELPIDA-EBJ21UE8BDS1-AE-F Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1-DJ-F ELPIDA-EBJ21UE8BDS1-DJ-F Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BDS0-AE-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ20UF8BCS0 ELPIDA-EBJ20UF8BCS0 Datasheet
286Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU0 ELPIDA-EBJ21UE8BFU0 Datasheet
247Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com