Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21UE8BDF0-DJ-F Datasheet(PDF) 9 Page - Elpida Memory

Part # EBJ21UE8BDF0-DJ-F
Description  2GB Unbuffered DDR3 SDRAM DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BDF0-DJ-F Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBJ21UE8BDF0-DJ-F Datasheet HTML 5Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 6Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 11Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 12Page - Elpida Memory EBJ21UE8BDF0-DJ-F Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
EBJ21UE8BDF0
Preliminary Data Sheet E1515E10 (Ver. 1.0)
9
SPD for Intel Extreme Memory Profile (EBJ21UE8BDF0-GN)
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
176
Intel extreme memory profile ID string
0
0
0
0
1
1
0
0
0CH
Intel Extreme Memory
Profile ID String
177
Intel extreme memory profile ID string
0
1
0
0
1
0
1
0
4AH
Intel Extreme Memory
Profile ID String
178
Intel extreme memory profile
organization type
0
0
0
0
0
0
1
1
03H
Profile 1: Enabled /
Profile 2: Enabled /
Profile 1: 1 DIMM per
CH / Profile 2: 1
DIMM per CH /
179
Intel extreme memory profile revision
0
0
0
1
0
0
0
1
11H
Revision 1.1
180
Medium timebase (MTB) dividend
for profile 1
0
0
0
0
0
0
0
1
01H
1
181
Medium timebase (MTB) divisor
for profile 1
0
0
0
0
1
0
0
0
08H
8
182
Medium timebase (MTB) dividend
for profile 2
0
0
0
0
0
0
0
1
01H
1
183
Medium timebase (MTB) divisor
for profile 2
0
0
0
0
1
0
0
0
08H
8
184
Reserved for global byte
0
0
0
0
0
0
0
0
00H
[For Profile 1]
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
185
Module VDD voltage level
0
0
1
0
1
0
1
0
2AH
1.50V
186
SDRAM minimum cycle time
(tCK (min.))
0
0
0
0
1
0
1
0
0AH
DDR3-1600
187
SDRAM minimum /CAS latencies time
(tAA (min.))
0
1
1
0
1
0
0
1
69H
13.125ns
188
SDRAM /CAS latencies supported, LSB
(CL MASK)
1
0
1
1
1
1
0
0
BCH
6, 7, 8, 9, 11
189
SDRAM /CAS latencies supported, MSB
(CL MASK)
0
0
0
0
0
0
0
0
00H
190
Minimum CAS write latency time
(tCWL(min))
0
1
1
0
1
0
0
1
69H
13.125ns
191
SDRAM minimum row precharge time
(tRP)
0
1
1
0
1
0
0
1
69H
13.125ns
192
SDRAM minimum /RAS to /CAS delay
(tRCD)
0
1
1
0
1
0
0
1
69H
13.125ns
193
SDRAM write recovery time (tWR (min))
0
1
1
1
1
0
0
0
78H
15ns
194
SDRAM upper nibbles for tRAS and tRC
0
0
0
1
0
0
0
1
11H
195
SDRAM minimum active to precharge
time (tRAS), LSB
0
0
0
1
1
0
0
0
18H
35ns
196
SDRAM minimum active to active /auto-
refresh time (tRC), LSB
1
0
0
0
0
1
1
0
86H
48.75ns
197
Maximum average periodic refresh interval
(tREFI), LSB
0
0
1
1
1
1
1
1
3FH
7.8
µs
198
Maximum average periodic refresh interval
(tREFI), MSB
0
0
0
0
0
0
0
0
00H
7.8
µs
199
SDRAM minimum refresh recovery time
delay (tRFC), LSB
0
1
1
1
0
0
0
0
70H
110ns
200
SDRAM minimum refresh recovery time
delay (tRFC), MSB
0
0
0
0
0
0
1
1
03H
110ns
201
SDRAM minimum internal read to
precharge command delay (tRTP)
0
0
1
1
1
1
0
0
3CH
7.5ns


Similar Part No. - EBJ21UE8BDF0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0-AE-F ELPIDA-EBJ21UE8BDS0-AE-F Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0-DJ-F ELPIDA-EBJ21UE8BDS0-DJ-F Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0-GN-F ELPIDA-EBJ21UE8BDS0-GN-F Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BDF0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BDFA ELPIDA-EBJ21EE8BDFA Datasheet
227Kb / 17P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com