Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE41AE4ACFA Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE41AE4ACFA
Description  4GB Registered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE41AE4ACFA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE41AE4ACFA Datasheet HTML 4Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 5Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 6Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 7Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 8Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 9Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 10Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 11Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
EBE41AE4ACFA
Data Sheet E1078E40 (Ver. 4.0)
8
Block Diagram
DM /CS
DQS /DQS
DQ0 to DQ3
4
DQS0
RS
D0
/RCS0
VSS
DQ8 to DQ11
4
DQS1
RS
RS
RS
RS
RS
RS
RS
RS
/CS0*2
/CS1*2
BA0 to BA2
A0 to A13
/RAS
/CAS
CKE0
CKE1
/WE
/ODT0
/ODT1
/RCS0 -> /CS: SDRAMs D0 to D17
/RCS1 -> /CS: SDRAMs D18 to D35
RBA0 to RBA2 -> BA0 to BA2: SDRAMs D0 to D35
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D35
/RRAS -> /RAS: SDRAMs D0 to D35
/RCAS -> /CAS: SDRAMs D0 to D35
RCKE0 -> CKE: SDRAMs D0 to D17
RCKE1 -> CKE: SDRAMs D18 to D35
/RWE -> /WE: SDRAMs D0 to D35
RODT0 -> ODT: SDRAMs D0 to D17
RODT1 -> ODT: SDRAMs D18 to D35
R
E
G
I
S
T
E
R
/PCK7*3
/RESET*3
/DQS0
D1
/DQS1
DQ16 to DQ19
4
DQS2
RS
D2
/DQS2
DQ24 to DQ27
4
DQS3
RS
D3
/DQS3
DQ32 to DQ35
4
DQS4
RS
D4
/DQS4
DQ40 to DQ43
4
DQS5
RS
D5
/DQS5
DQ48 to DQ51
4
DQS6
RS
D6
/DQS6
DQ56 to DQ59
4
DQS7
RS
D7
/DQS7
CB0 to CB3
4
DQS8
RS
DQ0
to DQ3
D8
/DQS8
D18
D19
D20
D21
D22
D23
D24
D25
D26
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
RS
/RST
PCK7*3
Notes:
1. DQ wiring may be changed within a nibble.
2. /CS0 connects to /DCS on register1 and /CSR on register2.
/CS1 connects to /CSR on register1 and /DCS on register2.
3. /RESET, PCK7 and /PCK7 connect to all registers.
CKE and /ODT connect to a register.
Other signals connect to one of two registers.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D35
/PCK0 to /PCK6, /PCK8, /PCK9-> /CK: SDRAMs D0 to D35
PCK7 -> CK:
register
/PCK7 -> /CK:
register
D0 to D35: 1G bits DDR2 SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CUA877
Register: SSTUB32868
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP
Serial PD
D0 to D35
D0 to D35
D0 to D35
VDDSPD
VSS
VREF
VDD
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
/RCS1
D9
D10
D11
D12
D13
D14
D15
D16
DQ0
to DQ3
D17
D27
D28
D29
D30
D31
D32
D33
D34
D35
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ4 to DQ7
4
DQS9
RS
DQ12 to DQ15
4
RS
/DQS9
DQ20 to DQ23
4
RS
DQ28 to DQ31
4
RS
DQ36 to DQ39
4
RS
DQ44 to DQ47
4
RS
DQ52 to DQ55
4
RS
DQ60 to DQ63
4
RS
CB4 to CB7
4
RS
DQS10
/DQS10
DQS11
/DQS11
DQS12
/DQS12
DQS13
/DQS13
DQS14
/DQS14
DQS15
/DQS15
DQS16
/DQS16
DQS17
/DQS17
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
DM /CS
DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM
/CS DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
DM /CS
DQS /DQS
RS
RS
RS
Signals for Address and Command Parity Function
Par_In
100k
0
/QERR
Register
PAR_IN
/QERR
Register
PAR_IN
/Err_Out


Similar Part No. - EBE41AE4ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACWA-6E-E ELPIDA-EBE41AE4ACWA-6E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACWA-8E-E ELPIDA-EBE41AE4ACWA-8E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE41AE4ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE42AE8ACFA ELPIDA-EBE42AE8ACFA Datasheet
331Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP04G72G1AH2MT-30R ETC2-SEP04G72G1AH2MT-30R Datasheet
1Mb / 16P
   4GB DDR2 . SDRAM registered DIMM
logo
Elpida Memory
EBE41RE4ABHA ELPIDA-EBE41RE4ABHA Datasheet
258Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41EF8ABFA ELPIDA-EBE41EF8ABFA Datasheet
255Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com