Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE41AE4ACFA Datasheet(PDF) 4 Page - Elpida Memory

Part # EBE41AE4ACFA
Description  4GB Registered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE41AE4ACFA Datasheet(HTML) 4 Page - Elpida Memory

  EBE41AE4ACFA Datasheet HTML 1Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 2Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 3Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 4Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 5Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 6Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 7Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 8Page - Elpida Memory EBE41AE4ACFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
EBE41AE4ACFA
Data Sheet E1078E40 (Ver. 4.0)
4
Pin Description
Pin name
Function
A0 to A13
Address input
Row address
A0 to A13
Column address
A0 to A9, A11
A10 (AP)
Auto precharge
BA0, BA1, BA2
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0
Clock input
/CK0
Differential clock input
DQS0 to DQS17, /DQS0 to /DQS17
Input and output data strobe
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0 to SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREF
Input reference voltage
VSS
Ground
ODT0, ODT1
ODT control
/RESET
Reset pin (forces register and PLL inputs low) *
1
Par
_In*2
Parity bit for the address and control bus
/Err
_Out*2
Parity error found on the address and control bus
NC
No connection
Notes: 1. Reset pin is connected to both OE of PLL and reset to register.
2. /Err
_Out (Pin No. 55) and Par_In (Pin No. 68) are for optional function to check address and command
parity.


Similar Part No. - EBE41AE4ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACWA-6E-E ELPIDA-EBE41AE4ACWA-6E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACWA-8E-E ELPIDA-EBE41AE4ACWA-8E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE41AE4ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE42AE8ACFA ELPIDA-EBE42AE8ACFA Datasheet
331Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP04G72G1AH2MT-30R ETC2-SEP04G72G1AH2MT-30R Datasheet
1Mb / 16P
   4GB DDR2 . SDRAM registered DIMM
logo
Elpida Memory
EBE41RE4ABHA ELPIDA-EBE41RE4ABHA Datasheet
258Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41EF8ABFA ELPIDA-EBE41EF8ABFA Datasheet
255Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com