Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM18814BA-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM18814BA-S
Description  Dual N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM18814BA-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM18814BA-S Datasheet HTML 1Page - ELM Technology Corporation ELM18814BA-S Datasheet HTML 2Page - ELM Technology Corporation ELM18814BA-S Datasheet HTML 3Page - ELM Technology Corporation ELM18814BA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
10
20
30
012345
Vds(Volts)
Figure 1: On-Regions Characteristi
cs
Vgs =1.5V
Vgs =2V
3V
4V
10V
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
Vgs(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
Vds=5V
0
10
20
30
40
50
0
5
10
15
20
Id(A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
Vgs =4.5V
Vgs =2.5V
Vgs =1.8V
Vgs =10V
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
Vgs=4.5V
Vgs=2.5V
Vgs=1.8V
Id=7A
Id=6A
Id=5A
Vgs=10V
Id=7.5A
10
20
30
40
50
60
02
46
8
Vgs(Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Id=7.5A
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd(Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C


Similar Part No. - ELM18814BA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM18810BA-S ELM-TECH-ELM18810BA-S Datasheet
98Kb / 4P
   Dual N-channel MOSFET
ELM18816BA-S ELM-TECH-ELM18816BA-S Datasheet
96Kb / 4P
   Dual N-channel MOSFET
ELM18818BA-S ELM-TECH-ELM18818BA-S Datasheet
100Kb / 4P
   Dual N-channel MOSFET
More results

Similar Description - ELM18814BA-S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com