Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM24604HA-S Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM24604HA-S
Description  Complementary MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM24604HA-S Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM24604HA-S Datasheet HTML 1Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 2Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 3Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 4Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 5Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 6Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 7Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 8Page - ELM Technology Corporation ELM24604HA-S Datasheet HTML 9Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=60°C/W
Ton
T
Pd
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
2
4
6
8
10
0.00001
0.0001
0.001
Time in avalanche, ta (s)
Figure 12: Single Pulse Avalanche capability
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Tcase (°C)
Figure 13: Power De-rating (Note B)
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Tcase (°C)
Figure 14: Current De-rating (Note B)
dd
d
a
V
BV
I
L
t

˜
Ta=25°C
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
Ta=25°C


Similar Part No. - ELM24604HA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM24603HA-S ELM-TECH-ELM24603HA-S Datasheet
168Kb / 9P
   Complementary MOSFET
More results

Similar Description - ELM24604HA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com