Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1108BASE Datasheet(PDF) 11 Page - Elpida Memory

Part # EDJ1108BASE
Description  1G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1108BASE Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDJ1108BASE Datasheet HTML 7Page - Elpida Memory EDJ1108BASE Datasheet HTML 8Page - Elpida Memory EDJ1108BASE Datasheet HTML 9Page - Elpida Memory EDJ1108BASE Datasheet HTML 10Page - Elpida Memory EDJ1108BASE Datasheet HTML 11Page - Elpida Memory EDJ1108BASE Datasheet HTML 12Page - Elpida Memory EDJ1108BASE Datasheet HTML 13Page - Elpida Memory EDJ1108BASE Datasheet HTML 14Page - Elpida Memory EDJ1108BASE Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
11
[Derating Values of tIS/tIH AC/DC Based (DDR3-800, 1066, 1333, 1600)]
∆tIS, ∆tIH derating in [ps] AC/DC based
AC175 Threshold -> VIH(AC)=VREF(DC)+175mV, VIL(AC)=VREF(DC)-175mV
CK, /CK differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH Unit
2.0
+88
+50
+88
+50
+88
+50
+96
+58
+104 +66
+112 +74
+120 +84
+128 +100 ps
1.5
+59
+34
+59
+34
+59
+34
+67
+42
+75
+50
+83
+58
+91
+68
+99
+84
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
+24
+24
+32
+34
+40
+50
ps
0.9
−2
−4
−2
−4
−2
−4
+6
+4
+14
+12
+22
+20
+30
+30
+38
+46
ps
0.8
−6
−10
−6
−10
−6
−10
+2
−2
+10
+6
+18
+14
+26
+24
+34
+40
ps
0.7
−11
−16
−11
−16
−11
−16
−3
−8
+5
0
+13
+8
+21
+18
+29
+34
ps
0.6
−17
−26
−17
−26
−17
−26
−9
−18
−1
−10
+7
−2
+15
+8
+23
+24
ps
0.5
−35
−40
−35
−40
−35
−40
−27
−32
−19
−24
−11
−16
−2
−6
+5
+10
ps
CMD,
ADD
slew
rate
(V/ns)
0.4
−62
−60
−62
−60
−62
−60
−54
−52
−46
−44
−38
−36
−30
−26
−22
−10
ps
[Derating Values of tIS/tIH AC/DC based-Alternate AC150 Threshold (DDR3-800, 1066, 1333, 1600)]
∆tIS, ∆tIH derating in [ps] AC/DC based
Alternate AC150 Threshold -> VIH(AC)=VREF(DC)+150mV, VIL(AC)=VREF(DC)-150mV
CK, /CK differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH ∆tIS ∆tIH Unit
2.0
+75
+50
+75
+50
+75
+50
+83
+58
+91
+66
+99
+74
+107 +84
+115 +100 ps
1.5
+50
+34
+50
+34
+50
+34
+58
+42
+66
+50
+74
+58
+82
+68
+90
+84
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
+24
+24
+32
+34
+40
+50
ps
0.9
0
−4
0
−4
0
−4
+8
+4
+16
+12
+24
+20
+32
+30
+40
+46
ps
0.8
0
−10
0
−10
0
−10
+8
−2
+16
+6
+24
+14
+32
+24
+40
+40
ps
0.7
0
−16
0
−16
0
−16
+8
−8
+16
0
+24
+8
+32
+18
+40
+34
ps
0.6
−1
−26
−1
−26
−1
−26
+7
−18
+15
−10
+23
−2
+31
+8
+39
+24
ps
0.5
−10
−40
−10
−40
−10
−40
−2
−32
+6
−24
+14
−16
+22
−6
+30
+10
ps
CMD,
ADD
slew
rate
(V/ns)
0.4
−25
−60
−25
−60
−25
−60
−17
−52
−9
−44
−1
−36
7
−26
15
−10
ps
[Required time tVAC above VIH(AC) {below VIL(AC)} for Valid Transition]
tVAC @ 175 mV[ps]
tVAC @ 150 mV[ps]
Slew rate (V/ns)
min.
max.
min.
max.
>2.0
75
175
2.0
57
170
1.5
50
167
1.0
38
163
0.9
34
162
0.8
29
161
0.7
22
159
0.6
13
155
0.5
0
150
<0.5
0
150


Similar Part No. - EDJ1108BASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-8A-E ELPIDA-EDJ1108BABG-8A-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-8C-E ELPIDA-EDJ1108BABG-8C-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-AC-E ELPIDA-EDJ1108BABG-AC-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-AE-E ELPIDA-EDJ1108BABG-AE-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1108BASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com