Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDL6416CBBH Datasheet(PDF) 6 Page - Elpida Memory

Part # EDL6416CBBH
Description  64M bits Mobile RAM?
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL6416CBBH Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDL6416CBBH Datasheet HTML 2Page - Elpida Memory EDL6416CBBH Datasheet HTML 3Page - Elpida Memory EDL6416CBBH Datasheet HTML 4Page - Elpida Memory EDL6416CBBH Datasheet HTML 5Page - Elpida Memory EDL6416CBBH Datasheet HTML 6Page - Elpida Memory EDL6416CBBH Datasheet HTML 7Page - Elpida Memory EDL6416CBBH Datasheet HTML 8Page - Elpida Memory EDL6416CBBH Datasheet HTML 9Page - Elpida Memory EDL6416CBBH Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
EDL6416CBBH
Preliminary Data Sheet E1138E21 (Ver. 2.1)
6
Notes: 1. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured on condition that addresses are changed only one time during
tCK (min.).
2. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).
3. IDD6 is specified when self refresh state is maintained long enough under the specified TA condition, after
a busy sequence of read and write operations
DC Characteristics 2 (TA = –25
°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2.0
2.0
µA
0 ≤ VIN ≤ VDDQ
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDDQ, DQ = disable
Output high voltage
VOH
VDDQ – 0.2
V
IOH = –0.1 mA
Output low voltage
VOL
0.2
V
IOL = 0.1 mA
Pin Capacitance (TA = 25°C, f = 1MHz)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CLK
2.0
4.5
pF
CI2
All other input-only pins
2.0
4.5
pF
Data input/output capacitance
CI/O
DQ
3.5
6
pF
AC Characteristics (TA = –25
°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Test Conditions
• AC high level input voltage / low level input voltage: 1.6 / 0.2V
• Input timing measurement reference level: 0.9V
• Transition time (Input rise and fall time): 0.5ns
• Output timing measurement reference level: 0.9V
• Output load: CL = 30pF
tCK
tCH
tCL
1.6 V
0.9 V
0.2 V
CLK
1.6 V
0.9 V
0.2 V
Input
tSETUP
tHOLD
Output
tAC
tOH
I/O
CL


Similar Part No. - EDL6416CBBH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Elpida Memory
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216AASA-75-E ELPIDA-EDL1216AASA-75-E Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CASA-10-E ELPIDA-EDL1216CASA-10-E Datasheet
467Kb / 59P
   128M bits Mobile RAM
More results

Similar Description - EDL6416CBBH

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
   128M bits DDR Mobile RAM?
EDS6416AJTA ELPIDA-EDS6416AJTA Datasheet
629Kb / 49P
   64M bits SDRAM
EDS6416GHTA ELPIDA-EDS6416GHTA Datasheet
629Kb / 49P
   64M bits SDRAM
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com