Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1104BASE-AG-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EDJ1104BASE-AG-E
Description  1G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1104BASE-AG-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDJ1104BASE-AG-E Datasheet HTML 4Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 5Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 6Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 7Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 8Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 9Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 10Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 11Page - Elpida Memory EDJ1104BASE-AG-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
8
Recommended DC Operating Conditions (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD
1.425
1.5
1.575
V
1, 2
Supply voltage for DQ
VDDQ
1.425
1.5
1.575
V
1, 2
Input reference voltage
VREFCA (DC)
0.49
× VDD
0.50
× VDD
0.51
× VDD
V
3, 4
Input reference voltage for DQ
VREFDQ (DC)
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
3, 4
Notes: 1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than
±1% VDD (for
reference: approx
±15 mV).
4. For reference: approx. VDD/2
± 15 mV.
AC and DC Input Measurement Levels (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Single-Ended AC and DC Input Levels for Command and Address
Parameter
Symbol
min.
typ.
max.
Unit
Notes
DC input logic high
VIHCA (DC)
VREF
+ 0.100
VDD
V
1
DC input logic low
VILCA (DC)
VSS
VREF
− 0.100
V
1
AC input logic high
VIHCA (AC)
VREF
+ 0.175
*
2
V
1
AC input logic low
VILCA (AC)
*
2
VREF
− 0.175
V
1
AC input logic high
VIHCA (AC150) VREF
+ 0.150
*
2
V
1
AC input logic low
VILCA (AC150)
*
2
VREF
− 0.150
V
1
Notes: 1. For input only pins except /RESET; VREF = VREFCA.
2. See Overshoot and Undershoot Specifications section.
Single-Ended AC and DC Input Levels for DQ and DM
Parameter
Symbol
min.
typ.
max.
Unit
Notes
DC input logic high
VIHDQ (DC)
VREF
+ 0.100
VDD
V
1
DC input logic low
VILDQ (DC)
VSS
VREF
− 0.100
V
1
AC input logic high
DDR3-800, 1066
VIHDQ (AC)
VREF
+ 0.175
*
2
V
1, 3
DDR3-1333, 1600
VIHDQ (AC)
VREF
+ 0.150
*
2
V
1, 3
AC input logic low
DDR3-800, 1066
VILDQ (AC)
*
2
VREF
− 0.175
V
1, 3
DDR3-1333, 1600
VILDQ (AC)
*
2
VREF
− 0.150
V
1, 3
Notes: 1. For DQ and DM: VREF = VREFDQ.
2. See Overshoot and Undershoot Specifications section.
3. Single-ended swing requirement for DQS, /DQS is 350 mV (peak to peak). Differential swing requirement
for DQS, /DQS is 700 mV (peak to peak).


Similar Part No. - EDJ1104BASE-AG-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BBSE-8A-F ELPIDA-EDJ1104BBSE-8A-F Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BBSE-8C-F ELPIDA-EDJ1104BBSE-8C-F Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BBSE-AE-F ELPIDA-EDJ1104BBSE-AE-F Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BBSE-AG-F ELPIDA-EDJ1104BBSE-AG-F Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1104BASE-AG-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com