Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2516AEBG Datasheet(PDF) 2 Page - Elpida Memory

Part # EDE2516AEBG
Description  256M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2516AEBG Datasheet(HTML) 2 Page - Elpida Memory

  EDE2516AEBG Datasheet HTML 1Page - Elpida Memory EDE2516AEBG Datasheet HTML 2Page - Elpida Memory EDE2516AEBG Datasheet HTML 3Page - Elpida Memory EDE2516AEBG Datasheet HTML 4Page - Elpida Memory EDE2516AEBG Datasheet HTML 5Page - Elpida Memory EDE2516AEBG Datasheet HTML 6Page - Elpida Memory EDE2516AEBG Datasheet HTML 7Page - Elpida Memory EDE2516AEBG Datasheet HTML 8Page - Elpida Memory EDE2516AEBG Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
EDE2508AEBG, EDE2516AEBG
Data Sheet E1175E20 (Ver. 2.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
Banks
Speed bin
(CL-tRCD-tRP)
Package
EDE2508AEBG-8E-E
EDE2508AEBG-6E-E
E
32M
× 8
4
DDR2-800 (5-5-5)
DDR2-667 (5-5-5)
60-ball FBGA
EDE2516AEBG-8E-E
EDE2516AEBG-6E-E
16M
× 16
DDR2-800 (5-5-5)
DDR2-667 (5-5-5)
84-ball FBGA
Part Number
Elpida Memory
Density / Bank
25: 256Mb /4-bank
Organization
08: x8
16: x16
Power Supply, Interface
A: 1.8V, SSTL_18
Die Rev.
Package
BG: FBGA
Speed
8E: DDR2-800 (5-5-5)
6E: DDR2-667 (5-5-5)
Product Family
E: DDR2
Type
D: Monolithic Device
E D E 25 08 A E BG - 8E - E
Environment code
E: Lead Free
(RoHS compliant)


Similar Part No. - EDE2516AEBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2516AASE ELPIDA-EDE2516AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-4A-E ELPIDA-EDE2516AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-4C-E ELPIDA-EDE2516AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-5C-E ELPIDA-EDE2516AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-6E-E ELPIDA-EDE2516AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2516AEBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com