Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE5108AJBG-1J-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EDE5108AJBG-1J-E
Description  512M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AJBG-1J-E Datasheet(HTML) 5 Page - Elpida Memory

  EDE5108AJBG-1J-E Datasheet HTML 1Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 2Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 3Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 4Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 5Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 6Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 7Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 8Page - Elpida Memory EDE5108AJBG-1J-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
EDE5108AJBG-1J, EDE5116AJBG-1J
Data Sheet E1174E30 (Ver. 3.0)
5
Electrical Specifications
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
−1.0 to +2.3
V
1
Power supply voltage for output
VDDQ
−0.5 to +2.3
V
1
Input voltage
VIN
−0.5 to +2.3
V
1
Output voltage
VOUT
−0.5 to +2.3
V
1
Storage temperature
Tstg
−55 to +100
°C
1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. Supporting 0°C to +85°C with full AC and DC specifications.
Supporting 0°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature Self-Refresh entry via A7 "1" on
EMRS (2).


Similar Part No. - EDE5108AJBG-1J-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-8E-E ELPIDA-EDE5108AJBG-8E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-8E-E ELPIDA-EDE5108AJBG-8E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5108AJBG-1J-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com