Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDK1216CFBJ Datasheet(PDF) 4 Page - Elpida Memory

Part # EDK1216CFBJ
Description  128M bits DDR Mobile RAM?
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDK1216CFBJ Datasheet(HTML) 4 Page - Elpida Memory

  EDK1216CFBJ Datasheet HTML 1Page - Elpida Memory EDK1216CFBJ Datasheet HTML 2Page - Elpida Memory EDK1216CFBJ Datasheet HTML 3Page - Elpida Memory EDK1216CFBJ Datasheet HTML 4Page - Elpida Memory EDK1216CFBJ Datasheet HTML 5Page - Elpida Memory EDK1216CFBJ Datasheet HTML 6Page - Elpida Memory EDK1216CFBJ Datasheet HTML 7Page - Elpida Memory EDK1216CFBJ Datasheet HTML 8Page - Elpida Memory EDK1216CFBJ Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
EDK1216CFBJ
Preliminary Data Sheet E1194E20 (Ver. 2.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 200 µs and then, execute power on sequence and CBR (Auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to +2.45
V
Supply voltage relative to VSS
VDD
–0.5 to +2.45
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
–25 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA =
−25°C to +85°C)
Parameter
Pins
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD,
VDDQ
1.70
1.8
1.95
V
VSS,
VSSQ
0
0
0
V
DC input voltage level
CK, /CK
VIN (DC)
–0.3
VDDQ + 0.3
V
AC Input differential cross
point voltage
VIX
0.4
× VDDQ
0.5
× VDDQ
0.6
× VDDQ
V
5
DC input differential voltage
VID (DC)
0.4
× VDDQ
VDDQ + 0.6
V
4
AC input differential voltage
VID (AC)
0.6
× VDDQ
VDDQ + 0.6
V
4
DC input high voltage
VIHD (DC)
0.7
× VDDQ
VDDQ + 0.3
V
1, 2
DC input low voltage
VILD (DC)
–0.3
0.3
× VDDQ
V
AC input high voltage
VIHD (AC)
0.8
× VDDQ
VDDQ + 0.3
V
AC input low voltage
DQ, DM, DQS,
address, bank
select address,
command signals
VILD (AC)
–0.3
0.2
× VDDQ
V
Notes: 1. VIH (max.) = 2.45V (pulse width
≤ 5ns).
2. VIL (min.) = –0.5V (pulse width
≤ 5ns).
3. All voltage referred to VSS and VSSQ must be same potential.
4. VID (DC) and VID (AC) are the magnitude of the difference between the input level on CK and the input
level on /CK.
5. The value of VIX is expected to be 0.5
× VDDQ and must track variations in the DC level of the same.


Similar Part No. - EDK1216CFBJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK104M050A9BAA KEMET-EDK104M050A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK105M025A9BAA KEMET-EDK105M025A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK105M050A9BAA KEMET-EDK105M050A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK106M016A9BAA KEMET-EDK106M016A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK106M025A9BAA KEMET-EDK106M025A9BAA Datasheet
30Kb / 1P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EDK1216CFBJ

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD1216AJBG ELPIDA-EDD1216AJBG Datasheet
617Kb / 51P
   128M bits DDR SDRAM
EDD1232ABBH ELPIDA-EDD1232ABBH Datasheet
530Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH ELPIDA-EDD1232ACBH Datasheet
655Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA ELPIDA-EDD1216AJTA Datasheet
621Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA-4 ELPIDA-EDD1216AJTA-4 Datasheet
487Kb / 50P
   128M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com