Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2108ABSE Datasheet(PDF) 10 Page - Elpida Memory

Part # EDE2108ABSE
Description  2G bits DDR2 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2108ABSE Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDE2108ABSE Datasheet HTML 6Page - Elpida Memory EDE2108ABSE Datasheet HTML 7Page - Elpida Memory EDE2108ABSE Datasheet HTML 8Page - Elpida Memory EDE2108ABSE Datasheet HTML 9Page - Elpida Memory EDE2108ABSE Datasheet HTML 10Page - Elpida Memory EDE2108ABSE Datasheet HTML 11Page - Elpida Memory EDE2108ABSE Datasheet HTML 12Page - Elpida Memory EDE2108ABSE Datasheet HTML 13Page - Elpida Memory EDE2108ABSE Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
EDE2104ABSE, EDE2108ABSE
Data Sheet E1196E30 (Ver. 3.0)
10
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-800
DDR2-667
DDR2-533
Parameter
6-6-6
5-5-5
4-4-4
Unit
CL (IDD)
6
5
4
tCK
tRCD (IDD)
15
15
15
ns
tRC (IDD)
60
60
60
ns
tRRD (IDD)
7.5
7.5
7.5
ns
tFAW (IDD)
35
37.5
37.5
ns
tCK (IDD)
2.5
3
3.75
ns
tRAS (min.)(IDD)
45
45
45
ns
tRAS (max.)(IDD)
70000
70000
70000
ns
tRP (IDD)
15
15
15
ns
tRFC (IDD)
195
195
195
ns
IDD7 Timing Patterns for 8 Banks
The detailed timings are shown in the IDD7 Timing Patterns for 8 Banks tables.
Speed bins
Timing Patterns
DDR2-533
A0 RA0 A1 RA1 A2 RA2 A3 RA3 D D A4 RA4 A5 RA5 A6 RA6 A7 RA7 D D
DDR2-667
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D
DDR2-800
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D D
Remark: A = Active. RA = Read with auto precharge. D = Deselect
Notes: 1. All banks are being interleaved at minimum tRC (IDD) without violating tRRD (IDD) and tFAW (IDD) using
a Burst length = 4.
2. Control and address bus inputs are STABLE during DESELECTs.
3. IOUT = 0mA.


Similar Part No. - EDE2108ABSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
More results

Similar Description - EDE2108ABSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com