Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2516AEBG-6E-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EDE2516AEBG-6E-E
Description  256M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2516AEBG-6E-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDE2516AEBG-6E-E Datasheet HTML 5Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 6Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 7Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 8Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 9Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 10Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 11Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 12Page - Elpida Memory EDE2516AEBG-6E-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
EDE2508AEBG, EDE2516AEBG
Data Sheet E1175E20 (Ver. 2.0)
9
×8
×16
Parameter
Symbol
Grade
max.
max.
Unit
Test condition
Auto-refresh current
IDD5
-8E
-6E
90
85
90
85
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD)
interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are
SWITCHING;
Data bus inputs are SWITCHING
Self-refresh current
IDD6*
7
4
4
mA
Self-Refresh Mode;
CK and /CK at 0V; CKE
≤ 0.2V;
Other control and address bus inputs are
FLOATING;
Data bus inputs are FLOATING
Operating current
(Bank interleaving)
IDD7
-8E
-6E
155
155
165
160
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD),
AL = tRCD (IDD)
−1
× tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD),
tRRD = tRRD(IDD), tRCD = 1
× tCK (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are STABLE during
DESELECTs; Data pattern is same as IDD4W
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS and /RDQS.
IDD values must be met with all
combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
≤ VIL (AC) (max.)
H is defined as VIN
≥ VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
7. When TC
≥ +85°C, IDD6 must be derated by 80%.
IDD6 will increase by this amount, if TC
≥ +85°C and double refresh option is still enabled.
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-800
DDR2-667
Parameter
5-5-5
5-5-5
Unit
CL (IDD)
5
5
tCK
tRCD (IDD)
12.5
15
ns
tRC (IDD)
57.5
60
ns
tRRD (IDD)
7.5
7.5
ns
tCK (IDD)
2.5
3
ns
tRAS (min.)(IDD)
45
45
ns
tRAS (max.)(IDD)
70000
70000
ns
tRP (IDD)
12.5
15
ns
tRFC (IDD)
75
75
ns


Similar Part No. - EDE2516AEBG-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2516AASE ELPIDA-EDE2516AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-4A-E ELPIDA-EDE2516AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-4C-E ELPIDA-EDE2516AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-5C-E ELPIDA-EDE2516AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-6E-E ELPIDA-EDE2516AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2516AEBG-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com