Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2532DGBH-TT Datasheet(PDF) 10 Page - Elpida Memory

Part # EDD2532DGBH-TT
Description  256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2532DGBH-TT Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDD2532DGBH-TT Datasheet HTML 6Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 7Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 8Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 9Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 10Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 11Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 12Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 13Page - Elpida Memory EDD2532DGBH-TT Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
EDD2532DGBH-TT
Preliminary Data Sheet E1201E20 (Ver. 2.0)
10
Timing Parameter Measured in Clock Cycle
Number of clock cycle
tCK
6.0ns
7.5ns
Parameter
Symbol
min.
max.
min.
max.
Unit
Write to pre-charge command delay
(same bank)
tWPD
4 + BL/2
3 + BL/2
tCK
Read to pre-charge command delay
(same bank)
tRPD
BL/2
BL/2
tCK
Write to read command delay
(to input all data)
tWRD
3 + BL/2
2 + BL/2
tCK
Burst stop command to write command
delay
(CL = 3)
tBSTW
3
3
tCK
Burst stop command to DQ high-Z
(CL = 3)
tBSTZ
3
3
tCK
Read command to write command delay
(to output all data)
(CL = 3)
tRWD
3 + BL/2
3 + BL/2
tCK
Pre-charge command to high-Z
(CL = 3)
tHZP
3
3
tCK
Write command to data in latency
tWCD
1
1
tCK
Write recovery
tWR
3
2
tCK
DM to data in latency
tDMD
0
0
tCK
Mode register set command cycle time
tMRD
2
2
tCK
Self-refresh exit to non-column command tSREX
20
16
tCK
Auto-refresh period
tRFC
14
11
tCK
Power-down entry
tPDEN
2
2
tCK
Power-down exit to command input
tPDEX
1
1
tCK
CKE minimum pulse width
tCKE
2
2
tCK


Similar Part No. - EDD2532DGBH-TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-6B ELPIDA-EDD2504AJTA-6B Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-7A ELPIDA-EDD2504AJTA-7A Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-7B ELPIDA-EDD2504AJTA-7B Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
More results

Similar Description - EDD2532DGBH-TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com