Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5116AGTA-4B-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDD5116AGTA-4B-E
Description  512M bits DDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5116AGTA-4B-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDD5116AGTA-4B-E Datasheet HTML 3Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 4Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 5Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 6Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 7Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 8Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 9Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 10Page - Elpida Memory EDD5116AGTA-4B-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
EDD5108AGTA-4, EDD5116AGTA-4
Data Sheet E1195E20 (Ver. 2.0)
7
Pin Capacitance (TA = +25°C, VDD, VDDQ = 2.5V ± 0.125V, VSS, VSSQ = 0V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CK, /CK
2.0
3.0
pF
1
CI2
All other input pins
2.0
3.0
pF
1
Delta input capacitance
Cdi1
CK, /CK
0.25
pF
1
Cdi2
All other input-only pins
0.5
pF
1
Data input/output capacitance
CI/O
DQ, DM, DQS
4.0
5
pF
1, 2
Delta input/output capacitance
Cdio
DQ, DM, DQS
0.5
pF
1
Notes: 1. These parameters are measured on conditions: f = 100MHz, VOUT = VDDQ/2,
ΔVOUT = 0.2V.
2. DOUT circuits are disabled.
AC Characteristics (TA = 0
°C to +70°C, VDD, VDDQ = 2.5V ± 0.125V, VSS, VSSQ = 0V)
-4B
-4C
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Clock cycle time
tCK
4
8
4
8
ns
10
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
min
(tCH, tCL)
tCK
DQ output access time from CK, /CK
tAC
–0.7
0.7
–0.7
0.7
ns
2, 11
DQS output access time from CK, /CK
tDQSCK
–0.55
0.55
–0.55
0.55
ns
2, 11
DQS to DQ skew
tDQSQ
0.4
0.4
ns
3
DQ/DQS output hold time from DQS
tQH
tHP – tQHS —
tHP – tQHS —
ns
Data hold skew factor
tQHS
0.5
0.5
ns
Data-out high-impedance time
from CK, /CK
tHZ
0.7
0.7
ns
5, 11
Data-out low-impedance time
from CK, /CK
tLZ
–0.7
0.7
–0.7
0.7
ns
6, 11
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.4
0.4
ns
8
DQ and DM input hold time
tDH
0.4
0.4
ns
8
DQ and DM input pulse width
tDIPW
1.75
1.75
ns
7
Write preamble setup time
tWPRES
0
0
ns
Write preamble
tWPRE
0.3
0.3
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
9
Write command to first DQS latching transition tDQSS
0.85
1.15
0.85
1.15
tCK
DQS falling edge to CK setup time
tDSS
0.3
0.3
tCK
DQS falling edge hold time from CK
tDSH
0.3
0.3
tCK
DQS input high pulse width
tDQSH
0.4
0.4
tCK
DQS input low pulse width
tDQSL
0.4
0.4
tCK
Address and control input setup time
tIS
0.6
0.6
ns
8
Address and control input hold time
tIH
0.6
0.6
ns
8
Address and control input pulse width
tIPW
2.2
2.2
ns
7
Mode register set command cycle time
tMRD
3
3
tCK


Similar Part No. - EDD5116AGTA-4B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AGTA-5B-E ELPIDA-EDD5116AGTA-5B-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
EDD5116AGTA-5BLI-E ELPIDA-EDD5116AGTA-5BLI-E Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116AGTA-5C-E ELPIDA-EDD5116AGTA-5C-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
EDD5116AGTA-5CLI-E ELPIDA-EDD5116AGTA-5CLI-E Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116AGTA-6B-E ELPIDA-EDD5116AGTA-6B-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results

Similar Description - EDD5116AGTA-4B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com