Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2108ABSE-6E-E Datasheet(PDF) 3 Page - Elpida Memory

Part # EDE2108ABSE-6E-E
Description  2G bits DDR2 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2108ABSE-6E-E Datasheet(HTML) 3 Page - Elpida Memory

  EDE2108ABSE-6E-E Datasheet HTML 1Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 2Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 3Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 4Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 5Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 6Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 7Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 8Page - Elpida Memory EDE2108ABSE-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
EDE2104ABSE, EDE2108ABSE
Data Sheet E1196E30 (Ver. 3.0)
3
Pin Configurations
/xxx indicates active low signal.
VDD
1
DQ6
(NC)*
VDDQ
DQ4
(NC)*
VDDL
VSS
VDD
2
NU/ /RDQS
(NC)*
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
3
VSS
DM/RDQS
(DM)*
VDDQ
DQ3
VSS
/WE
BA1
A1
A5
A9
A14
7
VSSQ
DQS
VDDQ
DQ2
VSSDL
/RAS
/CAS
A2
A6
A11
NC
8
/DQS
VSSQ
DQ0
VSSQ
CK
/CK
/CS
A0
A4
A8
A13
9
VDDQ
DQ7
(NC)*
VDDQ
DQ5
(NC)*
VDD
VDD
VSS
(Top view)
68-ball FBGA
Note: ( )* marked pins are for
×4 organization.
BA2
ODT
(
×8, ×4 organization)
NC
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
NC
NC
NC
NC
NC
NC
Pin name
Function
Pin name
Function
A0 to A14
Address inputs
ODT
ODT control
BA0, BA1, BA2
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ7
Data input/output
VSS
Ground for internal circuit
DQS, /DQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
RDQS, /RDQS
Differential data strobe for read
VSSQ
Ground for DQ circuit
/CS
Chip select
VREF
Input reference voltage
/RAS, /CAS, /WE
Command input
VDDL
Supply voltage for DLL circuit
CKE
Clock enable
VSSDL
Ground for DLL circuit
CK, /CK
Differential clock input
NC*
1
No connection
DM
Write data mask
NU*
2
Not usable
Notes: 1. Not internally connected with die.
2. Don’t connect. Internally connected.


Similar Part No. - EDE2108ABSE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
More results

Similar Description - EDE2108ABSE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com