Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE81FF4ABHT-6E-E Datasheet(PDF) 10 Page - Elpida Memory

Part # EBE81FF4ABHT-6E-E
Description  8GB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE81FF4ABHT-6E-E Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBE81FF4ABHT-6E-E Datasheet HTML 6Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 7Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 8Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 9Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 10Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 11Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 12Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 13Page - Elpida Memory EBE81FF4ABHT-6E-E Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EBE81FF4ABHT
Preliminary Data Sheet E1240E20 (Ver. 2.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VIN/VOUT
–0.3 to +1.75
V
AMB core power voltage relative to VSS
VCC
–0.3 to +1.75
V
DRAM interface power voltage relative to VSS
VDD
–0.5 to +2.30
V
Termination voltage relative to VSS
VTT
–0.5 to +2.30
V
Storage temperature
Tstg
–55 to +100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Conditions
Parameter
Symbol
Value
Unit
Note
SDRAM component case temperature
TC
_DRAM
0 to
+95
°C
1
AMB component case temperature
TC
_AMB
110
°C
Note: 1. Supporting 0°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature self-refresh entry via the control of
EMRS (2) bit A7 is required.
DC Operating Conditions
Parameter
Symbol
min.
typ.
max.
Unit
Note
AMB supply voltage
VCC
1.455
1.50
1.575
V
DDR2 SDRAM supply voltage
VDD
1.7
1.8
1.9
V
Input termination voltage
VTT
0.48
× VDD
0.50
× VDD
0.52
× VDD
V
EEPROM supply voltage
VDDSPD
3.0
3.3
3.6
V
SPD input high voltage
VIH (DC)
2.1
VDDSPD
V
1
SPD input low voltage
VIL (DC)
0.8
V
1
RESET input high voltage
VIH (DC)
1.0
V
2
RESET input low voltage
VIL (DC)
0.5
V
2
Leakage current (RESET)
IL
–90
90
µA
2
Leakage current (link)
IL
–5
5
µA
3
Notes: 1. Applies for SMB and SPD bus signals.
2. Applies for AMB CMOS signal /RESET.
3. For all other AMB related DC parameters, please refer to the high-speed differential link interface
specification.


Similar Part No. - EBE81FF4ABHT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE81AF4ABHA ELPIDA-EBE81AF4ABHA Datasheet
250Kb / 29P
   8GB Registered DDR2 SDRAM DIMM
EBE81AF4ABHA-6E-E ELPIDA-EBE81AF4ABHA-6E-E Datasheet
250Kb / 29P
   8GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE81FF4ABHT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE82FF4A1RR ELPIDA-EBE82FF4A1RR Datasheet
220Kb / 23P
   8GB Fully Buffered DIMM
EBE82FF4A1RQ ELPIDA-EBE82FF4A1RQ Datasheet
216Kb / 23P
   8GB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com