Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE1116AEBG-6E-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EDE1116AEBG-6E-F
Description  1G bits DDR2 SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116AEBG-6E-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDE1116AEBG-6E-F Datasheet HTML 6Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 7Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 8Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 9Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 10Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 11Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 12Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 13Page - Elpida Memory EDE1116AEBG-6E-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
EDE1108AEBG, EDE1116AEBG
Preliminary Data Sheet E1228E20 (Ver. 2.0)
10
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-800
DDR2-667
Parameter
5-5-5
5-5-5
Unit
CL (IDD)
5
5
tCK
tRCD (IDD)
12.5
15
ns
tRC (IDD)
57.5
60
ns
tRRD (IDD)-
×8
7.5
7.5
ns
tRRD (IDD)-
×16
10
10
ns
tFAW (IDD)-
×8
35
37.5
ns
tFAW (IDD)-
×16
45
50
ns
tCK (IDD)
2.5
3
ns
tRAS (min.)(IDD)
45
45
ns
tRAS (max.)(IDD)
70000
70000
ns
tRP (IDD)
12.5
15
ns
tRFC (IDD)
127.5
127.5
ns
IDD7 Timing Patterns for 8 Banks
The detailed timings are shown in the IDD7 Timing Patterns for 8 Banks tables.
[
×8 organization]
Speed bins
Timing Patterns
DDR2-667
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D
DDR2-800
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D D
[
×16 organization]
Speed bins
Timing Patterns
DDR2-667
A0 RA0 D D A1 RA1 D D A2 RA2 D D A3 RA3 D D D A4 RA4 D D A5 RA5 D D A6 RA6 D D A7 RA7 D D D
DDR2-800
A0 RA0 D D A1 RA1 D D A2 RA2 D D A3 RA3 D D D D A4 RA4 D D A5 RA5 D D A6 RA6 D D A7 RA7 D D D D
Remark: A = Active. RA = Read with auto precharge. D = Deselect
Notes: 1. All banks are being interleaved at minimum tRC (IDD) without violating tRRD (IDD) and tFAW (IDD) using
a Burst length = 4.
2. Control and address bus inputs are STABLE during DESELECTs.
3. IOUT = 0mA.


Similar Part No. - EDE1116AEBG-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116AESE ELPIDA-EDE1116AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1116AESE-6E-E ELPIDA-EDE1116AESE-6E-E Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1116AESE-6E-F ELPIDA-EDE1116AESE-6E-F Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1116AESE-8E-E ELPIDA-EDE1116AESE-8E-E Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1116AESE-8E-F ELPIDA-EDE1116AESE-8E-F Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116AEBG-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com