Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ10RE8BAFA-AE-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBJ10RE8BAFA-AE-E
Description  1GB Registered DDR3 SDRAM DIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ10RE8BAFA-AE-E Datasheet(HTML) 1 Page - Elpida Memory

  EBJ10RE8BAFA-AE-E Datasheet HTML 1Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 2Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 3Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 4Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 5Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 6Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 7Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 8Page - Elpida Memory EBJ10RE8BAFA-AE-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Document No. E1252E40 (Ver. 4.0)
Date Published December 2008 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2007-2008
DATA SHEET
1GB Registered DDR3 SDRAM DIMM
EBJ10RE8BAFA (128M words
× 72 bits, 1 Rank)
Specifications
• Density: 1GB
• Organization
 128M words × 72 bits, 1 rank
• Mounting 9 pieces of 1G bits DDR3 SDRAM sealed
in FBGA
• Package: 240-pin socket type dual in line memory
module (DIMM)
 PCB height: 30.5mm (max.)
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant)
• Power supply: VDD = 1.5V ± 0.075V
• Data rate: 1333Mbps/1066Mbps/800Mbps (max.)
• Eight internal banks for concurrent operation
(components)
• Interface: SSTL_15
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• /CAS Latency (CL): 6, 7, 8, 9
• /CAS write latency (CWL): 5, 6, 7
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die-Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
• Multi Purpose Register (MPR) for temperature read
out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• /RESET pin for Power-up sequence and reset
function
• SRT range:
 Normal/extended
 Auto/manual self-refresh
• Programmable Output driver impedance control
• 1 piece of registering clock driver and 1 piece of
serial EEPROM (256 bytes EEPROM) for Presence
Detect (PD)
• Class B temperature sensor functionality with
EEPROM


Similar Part No. - EBJ10RE8BAFA-AE-E

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBJ10A ADAM-TECH-EBJ10A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBJ10B ADAM-TECH-EBJ10B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-8C-E ELPIDA-EBJ10EE8BAFA-8C-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-AE-E ELPIDA-EBJ10EE8BAFA-AE-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ10RE8BAFA-AE-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112R7AFP8C HYNIX-HMT112R7AFP8C Datasheet
1Mb / 41P
   DDR3 SDRAM Registered DIMM Based on 1Gb A version
logo
Elpida Memory
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDS0 ELPIDA-EBJ10UE8BDS0 Datasheet
210Kb / 21P
   1GB DDR3 SDRAM SO-DIMM
EBD11RD8ADFA ELPIDA-EBD11RD8ADFA Datasheet
166Kb / 19P
   1GB Registered DDR SDRAM DIMM
EBE10RD4AJFA ELPIDA-EBE10RD4AJFA Datasheet
244Kb / 30P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com