Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE41EF8ABFA-8G-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EBE41EF8ABFA-8G-E
Description  4GB Unbuffered DDR2 SDRAM DIMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE41EF8ABFA-8G-E Datasheet(HTML) 4 Page - Elpida Memory

  EBE41EF8ABFA-8G-E Datasheet HTML 1Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 2Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 3Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 4Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 5Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 6Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 7Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 8Page - Elpida Memory EBE41EF8ABFA-8G-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
EBE41EF8ABFA
Preliminary Data Sheet E1285E10 (Ver. 1.0)
4
Pin Description
Pin name
Function
A0 to A14
Address input
Row address
A0 to A14
Column address
A0 to A9
A10 (AP)
Auto precharge
BA0, BA1, BA2
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0 to CK2
Clock input
/CK0 to /CK2
Differential clock input
DQS0 to DQS8, /DQS0 to /DQS8
Input and output data strobe
DM0 to DM8
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0 to SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREF
Input reference voltage
VSS
Ground
ODT0, ODT1
ODT control
NC
No connection


Similar Part No. - EBE41EF8ABFA-8G-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA-6E-E ELPIDA-EBE41AE4ABHA-6E-E Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA ELPIDA-EBE41AE4ACFA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA-6E-E ELPIDA-EBE41AE4ACFA-6E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA-8E-E ELPIDA-EBE41AE4ACFA-8E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE41EF8ABFA-8G-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41UF8ABFA ELPIDA-EBE41UF8ABFA Datasheet
253Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE42AE8ACFA ELPIDA-EBE42AE8ACFA Datasheet
331Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEC04G72C1BC2MT-37R ETC2-SEC04G72C1BC2MT-37R Datasheet
660Kb / 16P
   4GB DDR2 . SDRAM SO-DIMM
SEP04G72G1AH2MT-30R ETC2-SEP04G72G1AH2MT-30R Datasheet
1Mb / 16P
   4GB DDR2 . SDRAM registered DIMM
logo
Elpida Memory
EBE41RE4ABHA ELPIDA-EBE41RE4ABHA Datasheet
258Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com