Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1108BABG-8A-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EDJ1108BABG-8A-E
Description  1G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1108BABG-8A-E Datasheet(HTML) 4 Page - Elpida Memory

  EDJ1108BABG-8A-E Datasheet HTML 1Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 2Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 3Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 4Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 5Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 6Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 7Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 8Page - Elpida Memory EDJ1108BABG-8A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
EDJ1108BABG, EDJ1116BABG
Data Sheet E1248E40 (Ver. 4.0)
4
Pin Configurations (
×16 configuration)
/xxx indicates active low signal.
A
B
C
D
E
F
G
H
J
K
L
VDDQ
1
VDDQ
VSS
NC
2
VDD
VSS
VSSQ
DQU3
VDDQ
VSSQ
VSSQ
VSS
3
DQU7
DQU5
DQU1
DMU
DQL0
VDD
/CAS
/RAS
7
DQU4
/DQSU
DQSU
DQU0
DML
/CK
8
VDDQ
DQU6 VSSQ
DQU2
VSSQ
VDD
VSSQ
VDD
M
N
P
T
VSS /RESET
NC
NC
NC
A8
9
VSS
VDDQ
VDDQ DQL2
DQL6
VSSQ
VDDQ
VREFDQ
DQSL
/DQSL
DQL4
DQL1
VDD
DQL3
VSS
VSSQ
DQL7
DQL5 VDDQ
VSSQ
VDDQ
CK
VSS
NC
VDD
BA0
A3
A5
BA2
A0
A2
A12(/BC)
A1
VREFCA
BA1
A4
VSS
VSS
(Top view)
96-ball FBGA
/CS
/WE
ODT
VSS
VSS
R
A7
A9
A11
A6
VDD
VDD
A10(AP)
VSS
VDD
NC
ZQ
NC
CKE
Pin name
Function
Pin name
Function
A0 to A12*
2
Address inputs
A10(AP): Auto precharge
A12(/BC): Burst chop
/RESET*
2
Active low asynchronous reset
BA0 to BA2
Bank select
VDD
Supply voltage for internal circuit
DQU0 to DQU7
DQL0 to DQL7
Data input/output
VSS
Ground for internal circuit
DQSU, /DQSU
DQSL, /DQSL
Differential data strobe
VDDQ
Supply voltage for DQ circuit
/CS*
2
Chip select
VSSQ
Ground for DQ circuit
/RAS, /CAS, /WE*
2
Command input
VREFDQ
Reference voltage for DQ
CKE*
2
Clock enable
VREFCA
Reference voltage
CK, /CK
Differential clock input
ZQ
Reference pin for ZQ calibration
DMU, DML
Write data mask
NC*
No connection
ODT*
2
ODT control
Note: 1. Not internally connected with die.
2. Input only pins (address, command, CKE, ODT and /RESET) do not supply termination.


Similar Part No. - EDJ1108BABG-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108BASE ELPIDA-EDJ1108BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BASE-8A-E ELPIDA-EDJ1108BASE-8A-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BASE-8C-E ELPIDA-EDJ1108BASE-8C-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BASE-AC-E ELPIDA-EDJ1108BASE-AC-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BASE-AE-E ELPIDA-EDJ1108BASE-AE-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1108BABG-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com