Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1116BABG-8A-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EDJ1116BABG-8A-E
Description  1G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1116BABG-8A-E Datasheet(HTML) 2 Page - Elpida Memory

  EDJ1116BABG-8A-E Datasheet HTML 1Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 2Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 3Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 4Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 5Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 6Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 7Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 8Page - Elpida Memory EDJ1116BABG-8A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
EDJ1108BABG, EDJ1116BABG
Data Sheet E1248E40 (Ver. 4.0)
2
Ordering Information
Part number
Die
revision
Organization
(words
× bits)
Internal
banks
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDJ1108BABG-GL-E
EDJ1108BABG-GN-E
EDJ1108BABG-DG-E
EDJ1108BABG-DJ-E
EDJ1108BABG-AC-E
EDJ1108BABG-AE-E
EDJ1108BABG-AG-E
EDJ1108BABG-8A-E
EDJ1108BABG-8C-E
A
128M
× 8
8
DDR3-1600J (10-10-10)
DDR3-1600K (11-11-11)
DDR3-1333G (8-8-8)
DDR3-1333H (9-9-9)
DDR3-1066E (6-6-6)
DDR3-1066F (7-7-7)
DDR3-1066G (8-8-8)
DDR3-800D (5-5-5)
DDR3-800E (6-6-6)
78-ball FBGA
EDJ1116BABG-DG-E
EDJ1116BABG-DJ-E
EDJ1116BABG-AC-E
EDJ1116BABG-AE-E
EDJ1116BABG-AG-E
EDJ1116BABG-8A-E
EDJ1116BABG-8C-E
64M
× 16
DDR3-1333G (8-8-8)
DDR3-1333H (9-9-9)
DDR3-1066E (6-6-6)
DDR3-1066F (7-7-7)
DDR3-1066G (8-8-8)
DDR3-800D (5-5-5)
DDR3-800E (6-6-6)
96-ball FBGA
Part Number
Elpida Memory
Density / Bank
11: 1Gb / 8-bank
Organization
08: x8
16: x16
Power Supply, Interface
B: 1.5V, SSTL_15
Die Rev.
Package
BG: FBGA
Speed
GL: DDR3-1600J (10-10-10)
GN: DDR3-1600K (11-11-11)
DG: DDR3-1333G (8-8-8)
DJ:
DDR3-1333H (9-9-9)
AC: DDR3-1066E (6-6-6)
AE: DDR3-1066F (7-7-7)
AG: DDR3-1066G (8-8-8)
8A:
DDR3-800D (5-5-5)
8C:
DDR3-800E (6-6-6)
Product Family
J: DDR3
Type
D: Monolithic Device
E D J 11 08 B A BG - GL - E
Environment code
E: Lead Free
(RoHS compliant)


Similar Part No. - EDJ1116BABG-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1116BASE ELPIDA-EDJ1116BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BASE-8A-E ELPIDA-EDJ1116BASE-8A-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BASE-8C-E ELPIDA-EDJ1116BASE-8C-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BASE-AC-E ELPIDA-EDJ1116BASE-AC-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BASE-AE-E ELPIDA-EDJ1116BASE-AE-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1116BABG-8A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com