Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2532EEBH-75TT Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS2532EEBH-75TT
Description  256M bits SDRAM WTR (Wide Temperature Range)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2532EEBH-75TT Datasheet(HTML) 2 Page - Elpida Memory

  EDS2532EEBH-75TT Datasheet HTML 1Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 2Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 3Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 4Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 5Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 6Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 7Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 8Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
EDS2532EEBH-75TT
Data Sheet E0910E10 (Ver. 1.0)
2
Ordering Information
Part number
Supply
voltage
Organization
(words
× bits) Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS2532EEBH-75TT-E
1.8V
8M
× 32
4
133
100
3
2
90-ball FBGA
Part Number
Environment Code
E: Lead Free
Elpida Memory
Density / Bank
25: 256M/4-bank, 4K Rows
Organization
32: x32
Power Suply, Interface
E: 1.8V, LVCMOS
Die Rev.
Package
BH: FBGA(Board Type)
Speed
75: 133MHz/CL3
100MHz/CL2
Product Family
S: SDRAM
Type
D: Monolithic Device
E D S 25 32 E E BH - 75 TT - E
Spec. Detall
TT: WTR(
−20˚C to +85˚C)


Similar Part No. - EDS2532EEBH-75TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75-E ELPIDA-EDS2532EEBH-75-E Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
More results

Similar Description - EDS2532EEBH-75TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com