Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2532EEBH-75TT Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS2532EEBH-75TT
Description  256M bits SDRAM WTR (Wide Temperature Range)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2532EEBH-75TT Datasheet(HTML) 4 Page - Elpida Memory

  EDS2532EEBH-75TT Datasheet HTML 1Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 2Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 3Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 4Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 5Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 6Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 7Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 8Page - Elpida Memory EDS2532EEBH-75TT Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
EDS2532EEBH-75TT
Data Sheet E0910E10 (Ver. 1.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, execute power up sequence and initialization sequence before proper device operation is achieved
(refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD +0.3 (≤ 2.4 max.)
V
Supply voltage relative to VSS
VDD
–0.5 to +2.4
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
–20 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = –20
°C to +85°C)
Parameter
Symbol
min.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.9
V
1
VSS, VSSQ
0
0
V
2
Input high voltage
VIH
0.8
× VDD
VDD + 0.3
V
3
Input low voltage
VIL
–0.3
0.3
V
4
Notes: 1. The supply voltage with all VDD and VDDQ pins must be on the same level.
2. The supply voltage with all VSS and VSSQ pins must be on the same level.
3. The peak of VIH = VDD + 0.5V (pulse width at VIH (max.) ≤ 3ns).
4. The bottom of VIL = VSS – 1.0V (pulse width at VIL (min.) ≤ 3ns).


Similar Part No. - EDS2532EEBH-75TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75-E ELPIDA-EDS2532EEBH-75-E Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
More results

Similar Description - EDS2532EEBH-75TT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com