Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE51ED8AGWA Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE51ED8AGWA
Description  512MB Unbuffered DDR2 SDRAM DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51ED8AGWA Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE51ED8AGWA Datasheet HTML 7Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 8Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 9Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 10Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 11Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 12Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 13Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 14Page - Elpida Memory EBE51ED8AGWA Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
EBE51ED8AGWA
Preliminary Data Sheet E0922E10 (Ver. 1.0)
11
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.8V ± 0.1V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Operating current
(ACT-PRE)
IDD0
-6E
-5C
1035
990
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(ACT-READ-PRE)
IDD1
-6E
-5C
1170
1125
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Precharge power-down
standby current
IDD2P
-6E
-5C
90
90
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Precharge quiet standby
current
IDD2Q
-6E
-5C
225
225
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Idle standby current
IDD2N
-6E
-5C
315
270
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD3P-F
-6E
-5C
360
360
mA
Fast PDN Exit
MRS(12) = 0
Active power-down
standby current
IDD3P-S
-6E
-5C
225
225
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and address bus
inputs are STABLE;
Data bus inputs are FLOATING
Slow PDN Exit
MRS(12) = 1
Active standby current
IDD3N
-6E
-5C
630
585
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(Burst read operating)
IDD4R
-6E
-5C
2070
1710
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Operating current
(Burst write operating)
IDD4W
-6E
-5C
1980
1710
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Auto-refresh current
IDD5
-6E
-5C
2430
2250
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD) interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EBE51ED8AGWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA-4A-E ELPIDA-EBE51ED8AGFA-4A-E Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA-5C-E ELPIDA-EBE51ED8AGFA-5C-E Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA-6E-E ELPIDA-EBE51ED8AGFA-6E-E Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51ED8AGWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com