Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE1108ACSE Datasheet(PDF) 3 Page - Elpida Memory

Part # EDE1108ACSE
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1108ACSE Datasheet(HTML) 3 Page - Elpida Memory

  EDE1108ACSE Datasheet HTML 1Page - Elpida Memory EDE1108ACSE Datasheet HTML 2Page - Elpida Memory EDE1108ACSE Datasheet HTML 3Page - Elpida Memory EDE1108ACSE Datasheet HTML 4Page - Elpida Memory EDE1108ACSE Datasheet HTML 5Page - Elpida Memory EDE1108ACSE Datasheet HTML 6Page - Elpida Memory EDE1108ACSE Datasheet HTML 7Page - Elpida Memory EDE1108ACSE Datasheet HTML 8Page - Elpida Memory EDE1108ACSE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
3
Pin Configurations
/xxx indicates active low signal.
A
B
C
D
E
F
G
H
J
K
L
VDD
1
VDDQ
VDD
VDDL
2
VSSQ
UDM
DQ14
DQ9
VSSQ
DQ12
NC
VREF
3
VSS
NC
VDDQ
DQ11
VSS
CKE
/WE
VSS
7
VSSQ
UDQS
VDDQ
DQ10
VSSQ
/RAS
8
/UDQS
VSSQ
DQ15
DQ8
VSSQ
DQ13
/LDQS
/CK
M
N
P
R
VDD
A12
NC
NC
NC
9
VDDQ
VDDQ
DQ6
DQ4
VSSQ
DQ1
VDDQ
VSSQ
LDM
VDDQ
DQ3
LDQS
VDDQ
VSSQ
DQ0
VDDQ
DQ2
VSSQ
DQ5
DQ7
VDDQ
VSSDL
CK
VDD
VSS
A10
A3
A7
A1
A5
A9
A2
A6
A11
A0
A4
A8
VDD
VSS
(Top view)
84-ball FBGA
BA0
BA1
/CAS
/CS
BA2
ODT
(
×16 organization)
VDD
1
DQ6
(NC)*
VDDQ
DQ4
(NC)*
VDDL
VSS
VDD
2
NU/ /RDQS
(NC)*
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
3
VSS
DM/RDQS
(DM)*
VDDQ
DQ3
VSS
/WE
BA1
A1
A5
A9
NC
7
VSSQ
DQS
VDDQ
DQ2
VSSDL
/RAS
/CAS
A2
A6
A11
NC
8
/DQS
VSSQ
DQ0
VSSQ
CK
/CK
/CS
A0
A4
A8
A13
9
VDDQ
DQ7
(NC)*
VDDQ
DQ5
(NC)*
VDD
VDD
VSS
(Top view)
60-ball FBGA
Note: ( )* marked pins are for
×4 organization.
BA2
ODT
A
B
C
D
E
F
G
H
J
K
L
Pin name
Function
Pin name
Function
A0 to A13
Address inputs
ODT
ODT control
BA0, BA1, BA2
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ15
Data input/output
VSS
Ground for internal circuit
DQS, /DQS,
UDQS, /UDQS,
LDQS, /LDQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
RDQS, /RDQS
Differential data strobe for read
VSSQ
Ground for DQ circuit
/CS
Chip select
VREF
Input reference voltage
/RAS, /CAS, /WE
Command input
VDDL
Supply voltage for DLL circuit
CKE
Clock enable
VSSDL
Ground for DLL circuit
CK, /CK
Differential clock input
NC*
1
No connection
DM, UDM, LDM
Write data mask
NU*
2
Not usable
Notes: 1. Not internally connected with die.
2. Don’t connect. Internally connected.


Similar Part No. - EDE1108ACSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1108ACBG ELPIDA-EDE1108ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-5C-E ELPIDA-EDE1108ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-6E-E ELPIDA-EDE1108ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-8E-E ELPIDA-EDE1108ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1108ACSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com