Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE1104ACSE-8E-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDE1104ACSE-8E-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104ACSE-8E-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDE1104ACSE-8E-E Datasheet HTML 2Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 3Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 4Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 5Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 6Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 7Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 8Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 9Page - Elpida Memory EDE1104ACSE-8E-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
6
Recommended DC Operating Conditions (SSTL_18)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD
1.7
1.8
1.9
V
4
Supply voltage for output
VDDQ
1.7
1.8
1.9
V
4
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
-8E, -6E
VIH (AC)
VREF
+ 0.200
V
-5C
VIH (AC)
VREF + 0.250
V
AC input low
-8E, -6E
VIL (AC)
VREF – 0.200
V
-5C
VIL (AC)
VREF
− 0.250
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ tracks with VDD, VDDL tracks with VDD. AC parameters are measured with VDD, VDDQ and
VDDL tied together.


Similar Part No. - EDE1104ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-5C-E ELPIDA-EDE1104ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-6E-E ELPIDA-EDE1104ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ACBG-8E-E ELPIDA-EDE1104ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com