Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE21FD4AHFT-6E-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE21FD4AHFT-6E-E
Description  2GB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21FD4AHFT-6E-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE21FD4AHFT-6E-E Datasheet HTML 7Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 8Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 9Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 10Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 11Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 12Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 13Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 14Page - Elpida Memory EBE21FD4AHFT-6E-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
EBE21FD4AHFT, EBE21FD4AHFE, EBE21FD4AHFL
Preliminary Data Sheet E1001E30 (Ver. 3.0)
11
AMB Component Timing
For purposes of IDD testing, the following parameters are to be utilized.
Parameter
Symbol
min.
typ.
max.
Units
Note
EI Assertion pass-thru timing
tEI
propagate
4
clks
EI deassertion pass-thru timing
tEID
bit lock
clks
EI assertion duration
tEI
100
clks
Resample pass-thru time
TBD
ns
Resynch pass-thru Time
TBD
ns
Bit lock Interval
tBitLock
119
frames
Frame lock Interval
tFrameLock
154
frames
Note: 1. The EI stands for
″Electrical Idle″.
Power Specification Parameter and Test Conditions
-6E
-5C
Frequency (Mbps)
667
533
Parameter
Symbol
Power
Supply
max.
max.
Unit
Conditions
Note
@1.5V
2.60
2.20
A
@1.8V
2.58
2.34
A
Idle Current,
single or last
DIMM
Idd_Idle_0
Total
8.14
7.05
W
L0 state, idle (0 BW)
Primary channel enabled,
Secondary channel disabled
CKE high. Command and address lines stable.
DRAM clock active.
@1.5V
3.40
3.00
A
@1.8V
2.57
2.33
A
Idle Current, first
DIMM
Idd_Idle_1
Total
9.37
8.30
W
L0 state, idle (0 BW)
Primary and secondary channels enabled
CKE high. Command and address lines stable.
DRAM clock active.
@1.5V
3.90
3.40
A
@1.8V
4.82
4.68
A
Active Power
Idd_Active_1
Total
14.44
13.39
W
L0 state
50% DRAM BW, 67% read, 33% write.
Primary and secondary channels enabled.
DRAM clock active, CKE high.
@1.5V
3.70
3.20
A
@1.8V
2.20
2.01
A
Active Power,
data pass through
Idd_Active_2
Total
9.14
8.01
W
L0 state
50% DRAM BW to downstream DIMM,
67% read, 33% write.
Primary and secondary channels enabled.
CKE high. Command and address lines stable.
DRAM clock active.
@1.5V
4.00
3.50
A
@1.8V
2.39
2.18
A
Training
Idd_Training
(for AMB spec.
Not in SPD)
Total
9.99
8.81
W
Primary and secondary channels enabled.
100% toggle on all channel lanes
DRAMs idle. 0 BW.
CKE high, Command and address lines stable.
DRAM clock active.


Similar Part No. - EBE21FD4AHFT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AGFD-5C-E ELPIDA-EBE21FD4AGFD-5C-E Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AGFD-6E-E ELPIDA-EBE21FD4AGFD-6E-E Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AGFN ELPIDA-EBE21FD4AGFN Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AGFN-5C-E ELPIDA-EBE21FD4AGFN-5C-E Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
More results

Similar Description - EBE21FD4AHFT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE21FD4AJFT ELPIDA-EBE21FD4AJFT Datasheet
236Kb / 22P
   2GB Fully Buffered DIMM
EBE21FE8ACFR ELPIDA-EBE21FE8ACFR Datasheet
205Kb / 22P
   2GB Fully Buffered DIMM
EBE21FE8ACWT ELPIDA-EBE21FE8ACWT Datasheet
205Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com