Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE51FD8AHFT-6E-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE51FD8AHFT-6E-E
Description  512MB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51FD8AHFT-6E-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE51FD8AHFT-6E-E Datasheet HTML 4Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 5Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 6Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 7Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 8Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 9Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 10Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 11Page - Elpida Memory EBE51FD8AHFT-6E-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
EBE51FD8AHFT, EBE51FD8AHFE, EBE51FD8AHFL
Preliminary Data Sheet E1002E30 (Ver. 3.0)
8
Pin Configurations
1 pin
Front side
Back side
68 pin 69 pin
120 pin
121 pin
188 pin 189 pin
240 pin
Front side
Back side
No.
Name
No. Name
No.
Name
No.
Name
No.
Name
No.
Name
No.
Name
No.
Name
1
VDD
36
VSS
71
/PS0
106
NC
121
VDD
156
VSS
191
/SS0
226
NC
2
VDD
37
PN5
72
VSS
107
VSS
122
VDD
157
SN5
192
VSS
227
VSS
3
VDD
38
/PN5
73
PS1
108
VDD
123
VDD
158
/SN5
193
SS1
228
SCK
4
VSS
39
VSS
74
/PS1
109
VDD
124
VSS
159
VSS
194
/SS1
229
/SCK
5
VDD
40
PN13
75
VSS
110
VSS
125
VDD
160
SN13
195
VSS
230
VSS
6
VDD
41
/PN13
76
PS2
111
VDD
126
VDD
161
/SN13
196
SS2
231
VDD
7
VDD
42
VSS
77
/PS2
112
VDD
127
VDD
162
VSS
197
/SS2
232
VDD
8
VSS
43
VSS
78
VSS
113
VDD
128
VSS
163
VSS
198
VSS
233
VDD
9
VCC
44
NC
79
PS3
114
VSS
129
VCC
164
NC
199
SS3
234
VSS
10
VCC
45
NC
80
/PS3
115
VDD
130
VCC
165
NC
200
/SS3
235
VDD
11
VSS
46
VSS
81
VSS
116
VDD
131
VSS
166
VSS
201
VSS
236
VDD
12
VCC
47
VSS
82
PS4
117
VTT
132
VCC
167
VSS
202
SS4
237
VTT
13
VCC
48
PN12
83
/PS4
118
SA2
133
VCC
168
SN12
203
/SS4
238
VDDSPD
14
VSS
49
/PN12
84
VSS
119
SDA
134
VSS
169
/SN12
204
VSS
239
SA0
15
VTT
50
VSS
85
VSS
120
SCL
135
VTT
170
VSS
205
VSS
240
SA1
16
VID1
51
PN6
86
NC
136
VID0
171
SN6
206
NC
17
/RESET 52
/PN6
87
NC
137
M_TEST 172
/SN6
207
NC
18
VSS
53
VSS
88
VSS
138
VSS
173
VSS
208
VSS
19
NC
54
PN7
89
VSS
139
NC
174
SN7
209
VSS
20
NC
55
/PN7
90
PS9
140
NC
175
/SN7
210
SS9
21
VSS
56
VSS
91
/PS9
141
VSS
176
VSS
211
/SS9
22
PN0
57
PN8
92
VSS
142
SN0
177
SN8
212
VSS
23
/PN0
58
/PN8
93
PS5
143
/SN0
178
/SN8
213
SS5
24
VSS
59
VSS
94
/PS5
144
VSS
179
VSS
214
/SS5
25
PN1
60
PN9
95
VSS
145
SN1
180
SN9
215
VSS
26
/PN1
61
/PN9
96
PS6
146
/SN1
181
/SN9
216
SS6
27
VSS
62
VSS
97
/PS6
147
VSS
182
VSS
217
/SS6
28
PN2
63
PN10
98
VSS
148
SN2
183
SN10
218
VSS
29
/PN2
64
/PN10
99
PS7
149
/SN2
184
/SN10
219
SS7
30
VSS
65
VSS
100
/PS7
150
VSS
185
VSS
220
/SS7
31
PN3
66
PN11
101
VSS
151
SN3
186
SN11
221
VSS
32
/PN3
67
/PN11
102
PS8
152
/SN3
187
/SN11
222
SS8
33
VSS
68
VSS
103
/PS8
153
VSS
188
VSS
223
/SS8
34
PN4
69
VSS
104
VSS
154
SN4
189
VSS
224
VSS
35
/PN4
70
PS0
105
NC
155
/SN4
190
SS0
225
NC


Similar Part No. - EBE51FD8AHFT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51FD8AGFD ELPIDA-EBE51FD8AGFD Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
EBE51FD8AGFD-5C-E ELPIDA-EBE51FD8AGFD-5C-E Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
EBE51FD8AGFD-6E-E ELPIDA-EBE51FD8AGFD-6E-E Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
EBE51FD8AGFN ELPIDA-EBE51FD8AGFN Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
EBE51FD8AGFN-5C-E ELPIDA-EBE51FD8AGFN-5C-E Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
More results

Similar Description - EBE51FD8AHFT-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51FD8AGFD ELPIDA-EBE51FD8AGFD Datasheet
187Kb / 22P
   512MB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AJFT ELPIDA-EBE21FD4AJFT Datasheet
236Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com