Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE11FD8AHFL-6E-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE11FD8AHFL-6E-E
Description  1GB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11FD8AHFL-6E-E Datasheet(HTML) 1 Page - Elpida Memory

  EBE11FD8AHFL-6E-E Datasheet HTML 1Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 2Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 3Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 4Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 5Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 6Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 7Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 8Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document No. E1000E30 (Ver. 3.0)
Date Published February 2007 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2006-2007
PRELIMINARY DATA SHEET
1GB Fully Buffered DIMM
EBE11FD8AHFT
EBE11FD8AHFE
EBE11FD8AHFL
Specifications
• Density: 1GB
• Organization
 128M words × 72 bits, 2 ranks
• Mounting 18 pieces of 512M bits DDR2 SDRAM
sealed in FBGA
• Package
 240-pin fully buffered, socket type dual in line
memory module (FB-DIMM)
PCB height: 30.35mm
Lead pitch: 1.00mm
 Advanced Memory Buffer (AMB): 655-ball FCBGA
 Lead-free (RoHS compliant)
• Power supply
 DDR2 SDRAM: VDD = 1.8V ± 0.1V
 AMB: VCC = 1.5V + 0.075V/−0.045
• Data rate: 667Mbps/533Mbps (max.)
• Four internal banks for concurrent operation
(components)
• Interface: SSTL_18
• Burst lengths (BL): 4, 8
• /CAS Latency (CL): 3, 4, 5
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 8192 cycles/64ms
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• JEDEC standard Raw Card B Design
• Industry Standard Advanced Memory Buffer (AMB)
• High-speed differential point-to-point link interface at
1.5V (JEDEC draft spec)
 14 north-bound (NB) high speed serial lanes
 10 south-bound (SB) high speed serial lanes
• Various features/modes:
 MemBIST and IBIST test functions
 Transparent mode and direct access mode for
DRAM testing
 Interface for a thermal sensor and status indicator
• Channel error detection and reporting
• Automatic DDR2 SDRAM bus and channel
calibration
• SPD (serial presence detect) with 1piece of 256 byte
serial EEPROM
Note:
Warranty
void
if
removed
DIMM
heat
spreader.
Performance
FB-DIMM
DDR2 SDRAM
System clock
frequency
Speed grade
Peak channel
throughput
FB-DIMM link data rate
Speed Grade
DDR data rate
167MHz
PC2-5300F
8.0GByte/s
4.0Gbps
DDR2-667 (5-5-5)
667Mbps
133MHz
PC2-4200F
6.4GByte/s
3.2Gbps
DDR2-533 (4-4-4)
533Mbps


Similar Part No. - EBE11FD8AHFL-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11FD8AGFD ELPIDA-EBE11FD8AGFD Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFD-5C-E ELPIDA-EBE11FD8AGFD-5C-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFD-6E-E ELPIDA-EBE11FD8AGFD-6E-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFN ELPIDA-EBE11FD8AGFN Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFN-5C-E ELPIDA-EBE11FD8AGFN-5C-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
More results

Similar Description - EBE11FD8AHFL-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11FD8AGFD ELPIDA-EBE11FD8AGFD Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AJFT ELPIDA-EBE11FD8AJFT Datasheet
226Kb / 22P
   1GB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com