Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE51AD8AJFA-6E-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE51AD8AJFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51AD8AJFA-6E-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE51AD8AJFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 11Page - Elpida Memory EBE51AD8AJFA-6E-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
EBE51AD8AJFA
Data Sheet E1037E30 (Ver. 3.0)
8
Block Diagram
DM0/DQS9
/DQS0
DQ0 to DQ7
8
D1
/RCS0
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS0
RS
RS
DQ8 to DQ15
8
RS
DQS1
RS
/DQS1
RS
/DQS
D0
NU/
/RDQS
DQS
DM/
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS9
RS
DM/
RDQS
NU/
/RDQS
RS
DM1/DQS10
/DQS10
DM2/DQS11
/DQS2
DQ16 to DQ23
8
D3
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS2
RS
RS1
DQ24 to DQ31
8
RS
DQS3
RS
/DQS3
RS
/DQS
D2
NU/
/RDQS
DQS
DM/
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS11
RS
DM/
RDQS
NU/
/RDQS
RS
DM3/DQS12
/DQS12
DM4/DQS13
/DQS4
DQ32 to DQ39
8
D5
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS4
RS
RS
DQ40 to DQ47
8
RS
DQS5
RS
/DQS5
RS
/DQS
D4
NU/
/RDQS
DQS
DM,
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS13
RS
DM/
/RDQS
NU/
/RDQS
RS
DM5/DQS14
/DQS14
DM6/DQS15
/DQS6
DQ48 to DQ55
8
D7
/CSDQS
DQ0
to DQ7
RS
RS
RS
DQS6
RS
RS
DQ56 to DQ63
8
RS
DQS7
RS
/DQS7
RS
/DQS
D6
NU/
/RDQS
DQS
DM/
/RDQS
DQ0
to DQ7
/DQS
/CS
/DQS15
RS
DM/
/RDQS
NU/
/RDQS
RS
DM7/DQS16
/DQS16
D8
/CS DQS
DQ0
to DQ7
RS
CB0 to CB7
8
RS
DQS8
RS
/DQS8
RS
/DQS
DM/
/RDQS
NU/
/RDQS
RS
DM8/DQS17
/DQS17
RS
RS
RS
RS
RS
RS
RS
/CS0*2
BA0 to BA1
A0 to A13
/RAS
/CAS
CKE0
/WE
ODT0
/RCS0 -> /CS: SDRAMs D0 to D8
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D8
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D8
/RRAS -> /RAS: SDRAMs D0 to D8
/RCAS -> /CAS: SDRAMs D0 to D8
RCKE0 -> CKE: SDRAMs D0 to D8
/RWE -> /WE: SDRAMs D0 to D8
RODT0 -> ODT0: SDRAMs D0 to D8
R
E
G
I
S
T
E
R
/PCK7
/RESET
RS
/RST
PCK7
Notes:
1. DQ wiring may be changed within a byte.
2. /CS0 connects to /DCS and VDD connects to /CSR on register.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D8
/PCK0 to /PCK6, /PCK8, /PCK9 -> /CK: SDRAMs D0 to D8
PCK7 -> CK:
register
/PCK7 -> /CK:
register
D0 to D8: 512M bits DDR2 SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CUA877
Register: SSTUB32866
Serial PD
D0 to D8
D0 to D8
D0 to D8
VDDSPD
VSS
VREF
VDD
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP
C1
C0 Register
PPO
/QERR
PAR_IN
VSS
VSS
Signals for Address and Command Parity Function
/Err_Out
Par_In
100k
9


Similar Part No. - EBE51AD8AJFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-4A-E ELPIDA-EBE51AD8AGFA-4A-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-5C-E ELPIDA-EBE51AD8AGFA-5C-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-6E-E ELPIDA-EBE51AD8AGFA-6E-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51AD8AJFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com