Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE51UD8AJWA-6E-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE51UD8AJWA-6E-E
Description  512MB Unbuffered DDR2 SDRAM DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8AJWA-6E-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE51UD8AJWA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 11Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 12Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 13Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 14Page - Elpida Memory EBE51UD8AJWA-6E-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
EBE51UD8AJWA
Data Sheet E01053E30 (Ver. 3.0)
11
AC Overshoot/Undershoot Specification (DDR2 SDRAM Component Specification)
Parameter
Pins
Specification
Unit
Maximum peak amplitude allowed for overshoot
Command, Address,
CKE, ODT
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum undershoot area below VSS
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum peak amplitude allowed for overshoot
CK, /CK
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800, 667
0.23
V-ns
Maximum undershoot area below VSS
DDR2-800, 667
0.23
V-ns
Maximum peak amplitude allowed for overshoot
DQ, DQS, /DQS,
0.5
V
Maximum peak amplitude allowed for undershoot
UDQS, /UDQS,
LDQS, /LDQS,
0.5
V
Maximum overshoot area above VDDQ
DDR2-800, 667
RDQS, /RDQS,
DM, UDM, LDM
0.23
V-ns
Maximum undershoot area below VSSQ
DDR2-800, 667
0.23
V-ns
Maximum amplitude
Overshoot area
Undershoot area
Volts (V)
Time (ns)
VDD, VDDQ
VSS, VSSQ
Overshoot/Undershoot Definition


Similar Part No. - EBE51UD8AJWA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8ABFA-4A-E ELPIDA-EBE51UD8ABFA-4A-E Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8ABFA-5C-E ELPIDA-EBE51UD8ABFA-5C-E Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV-AE-E ELPIDA-EBE51UD8ABFV-AE-E Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results

Similar Description - EBE51UD8AJWA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com