Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE10EE8ACFA-8E-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE10EE8ACFA-8E-E
Description  1GB Unbuffered DDR2 SDRAM DIMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10EE8ACFA-8E-E Datasheet(HTML) 1 Page - Elpida Memory

  EBE10EE8ACFA-8E-E Datasheet HTML 1Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 2Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 3Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 4Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 5Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 6Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 7Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 8Page - Elpida Memory EBE10EE8ACFA-8E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Document No. E1059E20 (Ver. 2.0)
Date Published December 2007 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2007
DATA SHEET
1GB Unbuffered DDR2 SDRAM DIMM
EBE10EE8ACFA (128M words
× 72 bits, 1 Rank)
Specifications
• Density: 1GB
• Organization
 128M words × 72 bits, 1 rank
• Mounting 9 pieces of 1G bits DDR2 SDRAM sealed
in FBGA
• Package: 240-pin socket type dual in line memory
module (DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant)
• Power supply: VDD = 1.8V ± 0.1V
• Data rate: 800Mbps/667Mbps (max.)
• Eight internal banks for concurrent operation
(components)
• Interface: SSTL_18
• Burst lengths (BL): 4, 8
• /CAS Latency (CL): 3, 4, 5, 6
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 8192 cycles/64ms
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 4 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation


Similar Part No. - EBE10EE8ACFA-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10EE8ACWA ELPIDA-EBE10EE8ACWA Datasheet
242Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10EE8ACWA-6E-E ELPIDA-EBE10EE8ACWA-6E-E Datasheet
242Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10EE8ACWA-8E-E ELPIDA-EBE10EE8ACWA-8E-E Datasheet
242Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10EE8ACWA-8G-E ELPIDA-EBE10EE8ACWA-8G-E Datasheet
242Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE10EE8ACFA-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA ELPIDA-EBE11ED8AGWA Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AJWA ELPIDA-EBE11UD8AJWA Datasheet
249Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA ELPIDA-EBE10UE8AFFA Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWA ELPIDA-EBE10UE8ACWA Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com