Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS1232ECBH-75-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDS1232ECBH-75-E
Description  128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232ECBH-75-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDS1232ECBH-75-E Datasheet HTML 3Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 4Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 5Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 6Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 7Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 8Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 9Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 10Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
EDS1232ECBH-75
Preliminary Data Sheet E0747E20 (Ver. 2.0)
7
AC Characteristics (TA = 0
°C to +70°C, VDD, VDDQ = 1.8V ± 0.1V, VSS, VSSQ = 0V)
-75
Parameter
Symbol
min.
max.
Unit
Notes
System clock cycle time
(CL = 2)
tCK
10
ns
1
(CL = 3)
tCK
7.5
ns
1
CLK high pulse width
tCH
2.5
ns
1, 5
CLK low pulse width
tCL
2.5
ns
1, 5
Access time from CLK
tAC
6.0
ns
1, 2, 5, 6
Data-out hold time
tOH
2.5
ns
1, 2, 5, 6
CLK to Data-out low impedance
tLZ
0
ns
1, 2, 3, 5, 6
CLK to Data-out high impedance
tHZ
6.0
ns
1, 4, 6
Input setup time
tSI
1.5
ns
1, 5
Input hold time
tHI
0.8
ns
1, 5
Ref/Active to Ref/Active command period
tRC
67.5
ns
1
Active to Precharge command period
tRAS
45
120000
ns
1
Active command to column command (same bank)
tRCD
20
ns
1
Precharge to active command period
tRP
20
ns
1
Write recovery or data-in to precharge lead time
tDPL
15
ns
1
Last data into active latency
tDAL
2CLK + 20ns
Active (a) to Active (b) command period
tRRD
15
ns
1
Transition time (rise and fall)
tT
0.5
1.0
ns
Refresh period
(4096 refresh cycles)
tREF
64
ms
Notes: 1. AC measurement assumes tT = 0.5ns. Reference level for timing of input signals is 0.5
× VDDQ.
2. Access time is measured at 0.5
× VDDQ. Load condition is CL = 30pF.
3. tLZ (min.) defines the time at which the outputs achieves the low impedance state.
4. tHZ (max.) defines the time at which the outputs achieves the high impedance state.
5. If tT ≥ 1ns, each parameters is changed as follows;
tAC, tOH, tLZ: should be added (tT (rise)/2 – 0.5)
tCH, tCL, tSI, tHI: should be added {(tT (rise) + tT (fall))/2 – 1}
6. Driver strength is Half condition.


Similar Part No. - EDS1232ECBH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A-E ELPIDA-EDS1232ECBH-9A-E Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1232ECBH-9ATT-E ELPIDA-EDS1232ECBH-9ATT-E Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
More results

Similar Description - EDS1232ECBH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com