Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2508ARTA-5B Datasheet(PDF) 5 Page - Elpida Memory

Part # EDD2508ARTA-5B
Description  256M bits DDR SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2508ARTA-5B Datasheet(HTML) 5 Page - Elpida Memory

  EDD2508ARTA-5B Datasheet HTML 1Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 2Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 3Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 4Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 5Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 6Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 7Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 8Page - Elpida Memory EDD2508ARTA-5B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
EDD2508ARTA-5B
Data Sheet E0772E10 (Ver. 1.0)
5
AC Overshoot/Undershoot Specification
Parameter
Specification
Maximum peak amplitude allowed for overshoot
1.6V
Maximum peak amplitude allowed for undershoot
1.6V
The area between the overshoot signal and VDD must be less than or equal to
4.5V-ns
The area between the undershoot signal and GND must be less than or equal to
4.5V-ns
0
0123456
1
2
3
4
5
−1
−2
−3
Maximum amplitude = 1.6V
Overshoot area
4.5V-ns (max.)
Undershoot area
4.5V-ns (max.)
Volts (V)
Time (ns)
VDD
Ground


Similar Part No. - EDD2508ARTA-5B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AETA ELPIDA-EDD2508AETA Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2508AETA-5B-E ELPIDA-EDD2508AETA-5B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2508AETA-5C-E ELPIDA-EDD2508AETA-5C-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2508AETA-6B-E ELPIDA-EDD2508AETA-6B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2508AETA-7A-E ELPIDA-EDD2508AETA-7A-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
More results

Similar Description - EDD2508ARTA-5B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com