Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS1616CGTA-75-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EDS1616CGTA-75-E
Description  16M bits SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1616CGTA-75-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDS1616CGTA-75-E Datasheet HTML 4Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 5Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 6Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 7Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 8Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 9Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 10Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 11Page - Elpida Memory EDS1616CGTA-75-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
EDS1616CGTA
Preliminary Data Sheet E0788E20 (Ver. 2.0)
8
Test Conditions
• AC high level voltage/low level input voltage: 2.1V/0.3V
• Input and output timing reference levels: 1.2V
• Input waveform and output load: See following figures
tT
2.1 V
0.3 V
0.7 V
1.7 V
input
tT
I/O
CL
Input waveform and Output load


Similar Part No. - EDS1616CGTA-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1616AGTA ELPIDA-EDS1616AGTA Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDS1616AGTA-6B-E ELPIDA-EDS1616AGTA-6B-E Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDS1616AGTA-75-E ELPIDA-EDS1616AGTA-75-E Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDS1616GGBH ELPIDA-EDS1616GGBH Datasheet
639Kb / 49P
   16M bits SDRAM
EDS1616GGBH-1A-E ELPIDA-EDS1616GGBH-1A-E Datasheet
639Kb / 49P
   16M bits SDRAM
More results

Similar Description - EDS1616CGTA-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1616GGBH ELPIDA-EDS1616GGBH Datasheet
639Kb / 49P
   16M bits SDRAM
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS1616AGTA ELPIDA-EDS1616AGTA Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
UG42S6442HSG ETC2-UG42S6442HSG Datasheet
185Kb / 2P
   16M Bytes (2M x 64 bits) PC100 SDRAM Unbuffered SODIMM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com