Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE51AD8AGFA-6E-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EBE51AD8AGFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51AD8AGFA-6E-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBE51AD8AGFA-6E-E Datasheet HTML 3Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51AD8AGFA-6E-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
EBE51AD8AGFA
Preliminary Data Sheet E0864E11 (Ver. 1.1)
7
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
62
SPD Revision
0
0
0
1
0
0
1
0
12H
Rev. 1.2
63
Checksum for bytes 0 to 62
-6E
1
0
0
1
0
1
1
1
97H
-5C
1
1
0
1
1
0
1
1
DBH
-4A
0
1
0
1
0
1
0
1
55H
64 to 65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation
code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
1
45H
E
76
Module part number
0
0
1
1
0
1
0
1
35H
5
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
0
0
0
0
1
41H
A
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
1
0
0
0
38H
8
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
1
1
1
47H
G
83
Module part number
0
1
0
0
0
1
1
0
46H
F
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-6E
0
0
1
1
0
1
1
0
36H
6
-5C
0
0
1
1
0
1
0
1
35H
5
-4A
0
0
1
1
0
1
0
0
34H
4
87
Module part number
-6E
0
1
0
0
0
1
0
1
45H
E
-5C
0
1
0
0
0
0
1
1
43H
C
-4A
0
1
0
0
0
0
0
1
41H
A
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
99 to 127
Manufacture specific data
Note: 1. These specifications are defined based on component specification, not module.


Similar Part No. - EBE51AD8AGFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA-6E-E ELPIDA-EBE51AD8AJFA-6E-E Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51AD8AGFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com