Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE10AD4AGFA-6E-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE10AD4AGFA-6E-E
Description  1GB Registered DDR2 SDRAM DIMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10AD4AGFA-6E-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE10AD4AGFA-6E-E Datasheet HTML 2Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 3Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE10AD4AGFA-6E-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EBE10AD4AGFA
Preliminary Data Sheet E0865E11 (Ver. 1.1)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
28
Minimum row active to row active delay
(tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
-6E, -5C
0
0
1
0
1
1
0
1
2DH
45ns
-4A
0
0
1
0
1
0
0
0
28H
40ns
31
Module rank density
0
0
0
0
0
0
0
1
01H
1GB
32
Address and command setup time
before clock (tIS)
-6E
0
0
1
0
0
0
0
0
20H
0.20ns*
1
-5C
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-4A
0
0
1
1
0
1
0
1
35H
0.35ns*
1
33
Address and command hold time after
clock (tIH)
-6E
0
0
1
0
1
0
0
0
28H
0.28ns*
1
-5C
0
0
1
1
1
0
0
0
38H
0.38ns*
1
-4A
0
1
0
0
1
0
0
0
48H
0.48ns*
1
34
Data input setup time before clock
(tDS)
-6E, -5C
0
0
0
1
0
0
0
0
10H
0.10ns*
1
-4A
0
0
0
1
0
1
0
1
15H
0.15ns*
1
35
Data input hold time after clock (tDH)
-6E
0
0
0
1
1
0
0
0
18H
0.18ns*
1
-5C
0
0
1
0
0
0
1
1
23H
0.23ns*
1
-4A
0
0
1
0
1
0
0
0
28H
0.28ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
-6E, -5C
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
-4A
0
0
1
0
1
0
0
0
28H
10ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe characteristics 0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
0
0
0
0
0
0
0
0
00H
Undefined
41
Active command period (tRC)
-6E, -5C
0
0
1
1
1
1
0
0
3CH
60ns*
1
-4A
0
0
1
1
0
1
1
1
37H
55ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
0
1
0
0
1
69H
105ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-6E
0
0
0
1
1
0
0
0
18H
0.24ns*
1
-5C
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-4A
0
0
1
0
0
0
1
1
23H
0.35ns*
1
45
Data hold skew (tQHS)
-6E
0
0
1
0
0
0
1
0
22H
0.34ns*
1
-5C
0
0
1
0
1
0
0
0
28H
0.40ns*
1
-4A
0
0
1
0
1
1
0
1
2DH
0.45ns*
1
46
PLL relock time
0
0
0
0
1
1
1
1
0FH
15
µs
47 to 61
0
0
0
0
0
0
0
0
00H


Similar Part No. - EBE10AD4AGFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA-6E-E ELPIDA-EBE10AD4AJFA-6E-E Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE10AD4AGFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE10RD4AEFA-6 ELPIDA-EBE10RD4AEFA-6 Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
EBE10RD4AJFA ELPIDA-EBE10RD4AJFA Datasheet
244Kb / 30P
   1GB Registered DDR2 SDRAM DIMM
EBE10AE8ACFA ELPIDA-EBE10AE8ACFA Datasheet
242Kb / 27P
   1GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP01G72J2BF1SA-37R ETC2-SEP01G72J2BF1SA-37R Datasheet
625Kb / 14P
   1GB DDR2 . SDRAM registered DIMM
SEH01G72A1BH1MT-30[W]R ETC2-SEH01G72A1BH1MT-30[W]R Datasheet
1Mb / 14P
   1GB DDR2 ??SDRAM Registered Mini-DIMM
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
SEU01G64A3BH1MT-25[W]R ETC2-SEU01G64A3BH1MT-25[W]R Datasheet
610Kb / 14P
   1GB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com