Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52D88GB-A6F Datasheet(PDF) 8 Page - Elpida Memory

Part # HB52D88GB-A6F
Description  64 MB Unbuffered SDRAM Micro DIMM 8-Mword64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52D88GB-A6F Datasheet(HTML) 8 Page - Elpida Memory

Back Button HB52D88GB-A6F Datasheet HTML 4Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 5Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 6Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 7Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 8Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 9Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 10Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 11Page - Elpida Memory HB52D88GB-A6F Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HB52D88GB-F
Data Sheet E0010H10
8
Block Diagram
DQMB0
DQ0 to DQ7
RAS (D0 to D3)
CAS (D0 to D3)
A0 to A11
A0 to A11 (D0 to D3)
CKE0
CKE (D0 to D3)
VCC
VCC (D0 to D3, U0)
VSS
VSS (D0 to D3, U0)
C100-C103
Serial PD
SDA
A0
A1
A2
VSS
SCL
U0
SDA
SCL
Notes :
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.
CK0
CLK (D0)
8
N0, N1
DQMB1
DQ8 to DQ15
8
N2, N3
CLK (D1)
C0-C7
D0
CK1
CLK (D2)
CLK (D3)
RE
CE
A13 (D0 to D3)
BA1
A12 (D0 to D3)
BA0
W
S0
CS
DQMB4
DQ32 to DQ39
8 N8, N9
DQMB5
DQ40 to DQ47
8 N10, N11
D2
CS
DQMB2
DQ16 to DQ23
8
N4, N5
DQMB3
DQ24 to DQ31
8
N6, N7
D1
CS
DQMB6
DQ48 to DQ55
8 N12, N13
DQMB7
DQ56 to DQ63
8 N14, N15
D3
CS
* D0 to D3 : HM5212165
U0 : 2-kbit EEPROM
C0 to C7 : 0.33
µF
C100 to C103 : 0.1
µF
N0 to N15 : Network resistors (10
Ω)


Similar Part No. - HB52D88GB-A6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52D168GB-A6B ELPIDA-HB52D168GB-A6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-A6BL ELPIDA-HB52D168GB-A6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B ELPIDA-HB52D168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6B ELPIDA-HB52D168GB-B6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6BL ELPIDA-HB52D168GB-B6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results

Similar Description - HB52D88GB-A6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
Elpida Memory
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com