Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAF2411-Y Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTAF2411-Y
Description  20-24 Watts Single Output AC/DC Desktop Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAF2411-Y Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTAF2411-Y Datasheet HTML 1Page - Wall Industries,Inc. DTAF2411-Y Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA24-Y Series
20-24 Watts
Single Output
AC/DC Desktop Power Supply
Rev. B
FEATURES
● Single Output
● Energy Star Compliant
● Short Circuit Protected
● Output Current from 1~2.2A
● IEC-320-C8 AC Inlet Connector
● Output Voltages from 9~24VDC
DESCRIPTION
The DTA24-Y Series offers 20 to 24 Watts in a universal input single output desktop power supply. Output
voltages are available from 9VDC to 24VDC. This series is Energy Star Compliant and also has short circuit
protection. All models come with an IEC-320-C8 AC inlet connector.
SPECIFICATIONS: DTA24-Y Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Range ............................................................ 100 - 240VAC
Input Frequency ............................................................... 50-60Hz
Leakage Current ....................................................... 0.25mA max
Inrush Current .............................................. 30A max @ 115VAC
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table
Output Voltage ................................................................ see table
Line Regulation ...................................................................... ±1%
Load Regulation ..................................................................... ±5%
Ripple/Noise (20 MHz BW) ...................................................... 1%
Hold Up Time .....................................................10ms @ 115VAC
PROTECTION
Short Circuit Protection................................................. Continuous
Over Voltage Protection........................................................Option
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .................................................. 0 ~ +40°C
Storage Temperature................................................... -25 ~ +85°C
PHYSICAL SPECIFICATIONS
Weight ................................................................................. 156.9g
Dimensions ..............................................2.91 x 1.85 x 1.26 inches
74 x 47 x 32 mm
AC Inlet ........................................................................ IEC-320-C8
SAFETY
EMI Conduction ...................................................CISPR22 class B
Safety .............................................................................................
Due to advances in technology, specifications subject to change without notice


Similar Part No. - DTAF2411-Y

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAF1205-Y WALL-DTAF1205-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAF1206-Y WALL-DTAF1206-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAF1207-Y WALL-DTAF1207-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAF1208-Y WALL-DTAF1208-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTAF1275-Y WALL-DTAF1275-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTAF2411-Y

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA18-Y WALL-DTA18-Y Datasheet
143Kb / 2P
   15-18 Watts Single Output AC/DC Desktop Power Supply
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com