Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA065A1Y19FX Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTA065A1Y19FX
Description  Single Output Up to 65 Watts AC/DC Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTA065A1Y19FX Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTA065A1Y19FX Datasheet HTML 1Page - Wall Industries,Inc. DTA065A1Y19FX Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA65 Series
Single Output
Up to 65 Watts
AC/DC Desktop Adapter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage
Output Current
Output Power
Output Regulation
Ripple & Noise
CEC
LPS
DTA040A1Y05FX
5V
8A
40W
5%
240mVp-p
DTA060A1Y12FX
12V
5A
60W
5%
240mVp-p
DTA060A1Y15FX
15V
4A
60W
5%
150mVp-p
DTA065A1Y19FX
19V
3.4A
64.6W
3%
150mVp-p
DTA065A1Y24FX
24V
2.7A
64.8W
3%
150mVp-p
DTA065A1Y36FX
36V
1.8A
64.8W
3%
150mVp-p
DTA065A1Y48FX
48V
1.35A
64.8W
3%
150mVp-p
NOTES
1. The suffix X can be 0 for AC INLET: IEC 320-C8 (2PIN) or 1 for AC Inlet: IEC 320-C6 (3PIN). Contact Factory for ordering details.
2. Ripple and Noise is measured at 20MHz bandwidth with a tantalum 10uF in parallel with a 0.1uF ceramic capacitor.
MECHANICAL DRAWING
STANDARD OUTPUT CABLE
1. AWM 1185#18AWG 1C+SHIELDING, UL 80°C 300V VW-1, 1500mm.
2. AWM 2464#18AWG 3C+SHIELDING, UL 80°C 300V VW-1, 1000 mm.
3. Depends on customer’s requirements.
Tolerance: ±0.5mm
Unit: inches [mm]


Similar Part No. - DTA065A1Y19FX

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 10P
   Digital Transistor
DTA013ZEB ROHM-DTA013ZEB Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013ZEB ROHM-DTA013ZEB Datasheet
1Mb / 10P
   Digital Transistor
DTA013ZM ROHM-DTA013ZM Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA065A1Y19FX

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
   65 Watt Single Output AC/DC Medical Desktop Adapter
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
   Single Output Up to 65 Watts AC/DC Medical Power Supply
logo
HITRON ELECTRONICS CORP...
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
logo
Qualtek Electronics Cor...
QADA-65-12 QUALTEK-QADA-65-12 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
QADA-65 QUALTEK-QADA-65 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
logo
Wall Industries,Inc.
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
   Dual Output Up to 65 Watts AC/DC Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com