Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA065A1Y48FX Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTA065A1Y48FX
Description  Single Output Up to 65 Watts AC/DC Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTA065A1Y48FX Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTA065A1Y48FX Datasheet HTML 1Page - Wall Industries,Inc. DTA065A1Y48FX Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA65 Series
Single Output
Up to 65 Watts
AC/DC Desktop Adapter
FEATURES
● High Reliability
● Universal AC Input
● 100% Hi-Pot Tested
● 100% BURN-IN Tested
● CEC and Energy Star Compliant
● AC Inlet: IEC-320-C6 or IEC-320-C8
● Safety Approvals, EMC Compliance
● Short Circuit, Over Voltage, and Over Load Protected
SPECIFICATIONS: DTA65 Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range………………….…90 - 264VAC (Full Range)
Input Frequency……………………………………………. 47 - 63Hz
Input Current (max)…………2A (rms) @ 115VAC; 1A @ 264VAC
OUTPUT SPECIFICATIONS
Output Current……………………………………………… see table
Output Voltage……………………………………………… see table
Output Power……………………………………………….. see table
Line Regulation………………………………………………….. < 1%
Ripple/Noise (20 MHz BW)……………………………….. see table
Hold Up Time…………….. >10ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection………………………………. Auto-recovery
Over Voltage Protection… ………………………….. Auto-recovery
Over Load Protection………………………………… Auto-recovery
GENERAL SPECIFICATIONS
Efficiency…………………………… >80% @ full load and 115VAC
No Load Power Consumption…….…………. <500mW at 115VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature……………………………….. 0°C to +40°C
Storage Temperature………………………………… -10°C to+70°C
Humidity…………………………………………………… 20% ~ 90%
MTBF…. >80,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Weight…………………………………………… less than 350 grams
Dimensions………………………….. 108(L) x 47.5(W) x 30 (H) mm
AC Input……………. IEC 320-C8 (2pin) or IEC 320-C6 (3 pin) Inlet
(see notes for suffix options)
SAFETY & EMC
Safety Standards………………………………………….. UL60950-1
TUV EN60950-1
CB IEC 60950-1
CSA C22.2-No.60950-1
EMC Standards…………………………………………………….. CE
FCC Class B
CISPR22 Class B
EN55022 Class B
Due to advances in technology, specifications subject to change without notice


Similar Part No. - DTA065A1Y48FX

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 10P
   Digital Transistor
DTA013ZEB ROHM-DTA013ZEB Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013ZEB ROHM-DTA013ZEB Datasheet
1Mb / 10P
   Digital Transistor
DTA013ZM ROHM-DTA013ZM Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA065A1Y48FX

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
   65 Watt Single Output AC/DC Medical Desktop Adapter
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
   Single Output Up to 65 Watts AC/DC Medical Power Supply
logo
HITRON ELECTRONICS CORP...
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
logo
Qualtek Electronics Cor...
QADA-65-12 QUALTEK-QADA-65-12 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
QADA-65 QUALTEK-QADA-65 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
logo
Wall Industries,Inc.
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
   Dual Output Up to 65 Watts AC/DC Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com